Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4618DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4618DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4618DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4618DY Datasheet HTML 1Page - Vishay Siliconix SI4618DY Datasheet HTML 2Page - Vishay Siliconix SI4618DY Datasheet HTML 3Page - Vishay Siliconix SI4618DY Datasheet HTML 4Page - Vishay Siliconix SI4618DY Datasheet HTML 5Page - Vishay Siliconix SI4618DY Datasheet HTML 6Page - Vishay Siliconix SI4618DY Datasheet HTML 7Page - Vishay Siliconix SI4618DY Datasheet HTML 8Page - Vishay Siliconix SI4618DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
Si4618DY
Document Number: 74450
S09-2109-Rev. B, 12-Oct-09
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
Channel-1
30
0.017 at VGS = 10 V
8.0
12.5
0.0195 at VGS = 4.5 V
7.5
Channel-2
30
0.010 at VGS = 10 V
15.2
17
0.0115 at VGS = 4.5 V
14.1
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
a
30
0.43 V at 1.0 A
3.8
G1
D1
S2
S1/D2
S2
S1/D2
G2
S1/D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4618DY-T1-E3 (Lead (Pb)-free)
Si4618DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G2
S2
N-Channel 2
MOSFET
Schottky Diode
G1
N-Channel 1
MOSFET
S1/D2
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 125 °C/W (Channel-1) and 100 °C/W (Channel-2).
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
30
30
V
Gate-Source Voltage
VGS
± 16
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8.0
15.2
A
TC = 70 °C
6.4
12.1
TA = 25 °C
6.7b, c
11.4b, c
TA = 70 °C
5.4b, c
9.1b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
35
60
Source-Drain Current Diode Current
TC = 25 °C
IS
1.8
3.8
TA = 25 °C
1.25b, c
2.4b, c
Pulsed Source-Drain Current
ISM
35
35
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
15
Single Pulse Avalanche Energy
EAS
11.2
11.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
1.98
4.16
W
TC = 70 °C
1.26
2.66
TA = 25 °C
1.38b, c
2.35b, c
TA = 70 °C
0.88b, c
1.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
72
90
43
53
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
51
63
25
30
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook Logic dc-to-dc
Low Current dc-to-dc


Similar Part No. - SI4618DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4618DY VISHAY-SI4618DY Datasheet
149Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 29-Jan-07
logo
Vishay Telefunken
SI4618DY TFUNK-SI4618DY Datasheet
277Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4618DY VISHAY-SI4618DY Datasheet
210Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4618DY VISHAY-SI4618DY_V01 Datasheet
210Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - SI4618DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com