Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4618DY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI4618DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4618DY Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI4618DY_09 Datasheet HTML 4Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 5Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 6Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 7Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 8Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 9Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 10Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 11Page - Vishay Siliconix SI4618DY_09 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.vishay.com
8
Document Number: 74450
S09-2109-Rev. B, 12-Oct-09
Vishay Siliconix
Si4618DY
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
0.0
0.6
1.2
1.8
2.4
3.0
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
3 V
0.007
0.008
0.009
0.010
0.011
0.012
0
10203040
50
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
09
18
27
36
45
Qg - Total Gate Charge (nC)
ID = 8 A
VDS
VDS = 20 V
VDS = 30 V
= 10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
0
1234
5
TC = 25 °C
TC = - 55 °C
TC = 125 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
560
1120
1680
2240
2800
06
12
18
24
30
Coss
Ciss
TJ - Junction Temperature (°C)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
ID = 8 A
VGS = 4.5 V
VGS = 10 V


Similar Part No. - SI4618DY_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4618DY VISHAY-SI4618DY_V01 Datasheet
210Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - SI4618DY_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com