Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4500BDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI4500BDY
Description  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4500BDY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI4500BDY Datasheet HTML 3Page - Vishay Siliconix SI4500BDY Datasheet HTML 4Page - Vishay Siliconix SI4500BDY Datasheet HTML 5Page - Vishay Siliconix SI4500BDY Datasheet HTML 6Page - Vishay Siliconix SI4500BDY Datasheet HTML 7Page - Vishay Siliconix SI4500BDY Datasheet HTML 8Page - Vishay Siliconix SI4500BDY Datasheet HTML 9Page - Vishay Siliconix SI4500BDY Datasheet HTML 10Page - Vishay Siliconix SI4500BDY Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 72281
S09-0705-Rev. D, 27-Apr-09
www.vishay.com
7
Vishay Siliconix
Si4500BDY
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.3
0.6
0.9
1.2
1.5
20
10
1
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.04
0.08
0.12
0.16
0.20
0
1234
5
ID = 5.3 A
VGS - Gate-to-Source Voltage (V)
ID = 1 A
0
60
80
40
50
Time (s)
1
600
70
0.1
0.001
0.01
10
100
30
20
10
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25 °C
Single Pulse
P(t) = 10
DC
0.1
ID(on)
Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.0001
P(t) = 0.001
* VGS > minimum VGS at which RDS(on) is specified
Limited by R(DS)on*
IDM Limited


Similar Part No. - SI4500BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4500BDY VISHAY-SI4500BDY Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY VISHAY-SI4500BDY Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500BDY-E3 VISHAY-SI4500BDY-E3 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY-T1 VISHAY-SI4500BDY-T1 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY-T1-E3 VISHAY-SI4500BDY-T1-E3 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
More results

Similar Description - SI4500BDY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com