Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV99W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BAV99W
Description  Silicon Switching Diode Array (Connected in series For high speed switching applications)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAV99W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Apr-03-1997
BAV 99W
Silicon Switching Diode Array
• Connected in series
• For high speed switching applications
Type
Marking
Ordering Code
Pin Configuration
Package
BAV 99W
A7s
Q62702-A1051
1=A1
2=C2
3=C1/A2 SOT-323
Maximum Ratings per Diode
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
70
V
Peak reverse voltage
VRM
70
Forward current
IF
200
mA
Surge forward current, t = 1
µs
IFS
4.5
A
Total Power dissipation
TS = 103 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 430
K/W
Junction - soldering point
RthJS
≤ 190
1) Package mounted on epoxy pcb 40mm x 40mmm x 1.5mm / 0.5cm2 Cu


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn