Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4394DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4394DY
Description  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4394DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4394DY Datasheet HTML 1Page - Vishay Siliconix SI4394DY Datasheet HTML 2Page - Vishay Siliconix SI4394DY Datasheet HTML 3Page - Vishay Siliconix SI4394DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si4394DY
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.96
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
735
A
VGS = 10 V, ID = 15 A
0.0066
0.0066
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 14 A
0.0079
0.0077
Forward Transconductance
a
gfs
VDS = 15 V, ID = 15 A
48
65
S
Forward Voltage
a
VSD
IS = 2.9 A, VGS = 0 V
0.83
0.73
V
Dynamic
b
Total Gate Charge
Qg
12.6
12.5
Gate-Source Charge
Qgs
3.9
3.9
Gate-Drain Charge
Qgd
VDS = 15 V, VGS = 4.5 V, ID = 15 A
2.1
2.1
nC
Turn-On Delay Time
td(on)
12
13
Rise Time
tr
7
8
Turn-Off Delay Time
td(off)
48
48
Fall Time
tf
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
24
13
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72764
S-51095
Rev. B, 13-Jun-05


Similar Part No. - SI4394DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4394DY VISHAY-SI4394DY Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4394DY-E3 VISHAY-SI4394DY-E3 Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4394DY-T1-E3 VISHAY-SI4394DY-T1-E3 Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
More results

Similar Description - SI4394DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com