Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16929 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16929
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16929_12 Datasheet HTML 1Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 2Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 3Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 4Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 5Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 6Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 7Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 8Page - Maxim Integrated Products MAX16929_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products  5
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
ELECTRICALCHARACTERISTICS(continued)
(VINB = 12V, VINA = 5V, VGND = VPGNDP = 0V, TA = TJ = -40NC to +105NC, typical values are at TA = +25NC, unless otherwise noted.)
(Note 2)
Note2: Specifications over temperature are guaranteed by design and not production tested.
Note3: Operation in light-load conditions or at extreme duty cycles result in skipped cycles, resulting in lower operating frequency
and possibly limited output accuracy and load response.
Note4: 50% of the soft-start voltage time is due to the soft-start ramp, and the other 50% is due to the settling of the output voltage.
Note5: Guaranteed by design; not production tested.
Note6: After the voltage at CP exceeds this overvoltage threshold, the entire circuit switches off and autoretry is started.
Note7: FB power good is indicated by PGOOD. The condition VFB < VPG_FB does not shutdown/restart the device.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Threshold
VPG_FBGL
Measured at FBGL
0.38
0.4
0.42
V
FBGL Input Bias Current
VFBGL = +0.25V
Q
1
F
A
DRVN Source Current
VFBGL = +0.5V, VDRVN = -10V
2
mA
DRVN Source Current Limit
2.5
4
mA
GL Soft-Start Time
7.45
ms
1.8V/3.3VREGULATORCONTROLLER
Output Voltage
VFB
VDR = VFB
3.3V regulator option
3.18
3.3
3.38
V
1.8V regulator option
1.746
1.8
1.854
FB PGOOD Threshold
VPG_FB
Measured at FB
(Notes 5, 7)
3.3V regulator option,
FB rising
2.4
2.57
2.7
V
1.8V regulator option
1.364
1.38
1.396
FB Input Bias Current
VFB = 1.8V
2.5
F
A
VFB = 3.3V
4.5
DR Drive Current
VFB = 1.8V
4.5
6
mA
INPUTSERIESSWITCHCONTROL
p-Channel FET GATE Sink Current
VGATE = 0.5V
33
55
75
F
A
GATE Voltage Threshold
Measured at GATE; below this voltage, the
external p-channel FET is considered on
1.25
V
DIGITALLOGIC
ENP, SEQ Input Pulldown Resistor
Value
RPD
500
kI
ENP, SEQ Input-Voltage Low
VIL
0.3 x VINA
V
ENP, SEQ Input-Voltage High
VIH
0.7 x VINA
V
PGOOD Leakage Current
ILK_IN
TA = +25NC
Q
1
F
A
PGOOD Output-Voltage Low
VOL
2mA sink current, TA = +25NC
0.4
V


Similar Part No. - MAX16929_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16929AGUI MAXIM-MAX16929AGUI Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16929AGUIV MAXIM-MAX16929AGUIV Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16929BGUI MAXIM-MAX16929BGUI Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16929BGUIV MAXIM-MAX16929BGUIV Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16929CGUI MAXIM-MAX16929CGUI Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
More results

Similar Description - MAX16929_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16929 MAXIM-MAX16929 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16928 MAXIM-MAX16928 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 7/11
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Rohm
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com