Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9856 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX9856
Description  Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9856 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX9856 Datasheet HTML 16Page - Maxim Integrated Products MAX9856 Datasheet HTML 17Page - Maxim Integrated Products MAX9856 Datasheet HTML 18Page - Maxim Integrated Products MAX9856 Datasheet HTML 19Page - Maxim Integrated Products MAX9856 Datasheet HTML 20Page - Maxim Integrated Products MAX9856 Datasheet HTML 21Page - Maxim Integrated Products MAX9856 Datasheet HTML 22Page - Maxim Integrated Products MAX9856 Datasheet HTML 23Page - Maxim Integrated Products MAX9856 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Low-Power Audio CODEC with
DirectDrive Headphone Amplifiers
20
______________________________________________________________________________________
Status Registers
Status registers 0x00 and 0x01 are read-only registers
that report the status of various device functions. The
status register bits are cleared upon a read operation of
the status register and are set the next time the event
occurs. Table 2 lists the status registers bit location and
description.
REG
B7
B6
B5
B4
B3
B2
B1
B0
0x00
CLD
SLD
ULK
JKMIC
HPOCL
HPOCR
JDET
GPI
0x01
LSNS
JKSNS
HSDETL
HSDETR
JSDET
Table 2. Status Registers Bit Location
BIT
FUNCTION
CLD
Clip Detect Flag. Indicates that a signal has become clipped in the ADC.
SLD
Slew-Level Detect Flag. When volume or gain changes are made, the slewing circuitry smoothly steps through all
intermediate settings. When SLD is set high, all slewing has completed and the volume or gain is at its final value.
ULK
Digital PLL Unlock Flag. Indicates that the digital audio PLL for the DAC or ADC has become unlocked and digital
signal data is not reliable.
JKMIC
Jack Microphone Flag. Indicates JACKSNS has been pulled up to the MICBIAS voltage. The microphone bias
must be enabled for this bit to function properly.
HPOCL/
HPOCR
Headphone Output Left/Right Current Overload Flags. Indicate that the headphone output amplifiers have
exceeded the rated current.
JDET
Headset Configuration Change Flag. Indicates a change in JKMIC, LSNS, or JKSNS.
GPI
GPI State. Indicates the state of LRCLK_A when configured as a general-purpose input.
LSNS
Headphone Sense. LSNS is set when the internal pullup current forces the voltage at HPL to exceed AVDD - 0.4V.
This indicates headphone jack insertion or removal has occurred. HPMODE must be set to 00 and JDETEN set to
1 for this bit to function.
JKSNS
Jack Sense. JKSNS is set when the internal pullup current forces the voltage on JACKSNS to exceed AVDD - 0.4V.
This indicates jack insertion or removal has occurred. JDETEN must be set for this bit to function.
Load Impedance Sense. Indicates the approximate load connected to HPR, HPL, or JACKSNS. These bits are
updated once each time the appropriate EN bits are set high and cause an undefeatable hardware interrupt.
BITS
HEADPHONE OR JACKSNS LOAD
00
200
Ω < load < open
01
50
Ω < load < 200Ω
10
0 < load < 50
Ω
HSDETL,
HSDETR,
JSDET
11
Idle state
Status Register Bit Description


Similar Part No. - MAX9856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX985 MAXIM-MAX985 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985 MAXIM-MAX985 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985-MAX994 MAXIM-MAX985-MAX994 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
More results

Similar Description - MAX9856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com