Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7033 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7033
Description  315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7033 Datasheet HTML 8Page - Maxim Integrated Products MAX7033 Datasheet HTML 9Page - Maxim Integrated Products MAX7033 Datasheet HTML 10Page - Maxim Integrated Products MAX7033 Datasheet HTML 11Page - Maxim Integrated Products MAX7033 Datasheet HTML 12Page - Maxim Integrated Products MAX7033 Datasheet HTML 13Page - Maxim Integrated Products MAX7033 Datasheet HTML 14Page - Maxim Integrated Products MAX7033 Datasheet HTML 15Page - Maxim Integrated Products MAX7033 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Intermediate Frequency and RSSI
The IF section presents a differential 330
Ω load to pro-
vide matching for the off-chip ceramic filter. The six
internal AC-coupled limiting amplifiers produce an
overall gain of approximately 65dB, with a bandpass-fil-
ter-type response centered near the 10.7MHz IF fre-
quency with a 3dB bandwidth of approximately 10MHz.
The RSSI circuit demodulates the IF by producing a DC
output proportional to the log of the IF signal level, with
a slope of approximately 14.2mV/dB (see the
Typical
Operating Characteristics).
Applications Information
Crystal Oscillator
The crystal oscillator in the MAX7033 is designed to
present a capacitance of approximately 3pF between
the XTAL1 and XTAL2. If a crystal designed to oscillate
with a different load capacitance is used, the crystal is
pulled away from its stated operating frequency, intro-
ducing an error in the reference frequency. Crystals
designed to operate with higher differential load capac-
itance always pull the reference frequency higher. For
example, a 4.7547MHz crystal designed to operate
with a 10pF load capacitance oscillates at 4.7563MHz
with the MAX7033, causing the receiver to be tuned to
315.1MHz rather than 315.0MHz, an error of about
100kHz, or 320ppm.
In actuality, the oscillator pulls every crystal. The crys-
tal’s natural frequency is really below its specified fre-
quency, but when loaded with the specified load
capacitance, the crystal is pulled and oscillates at its
specified frequency. This pulling is already accounted
for in the specification of the load capacitance.
Additional pulling can be calculated if the electrical
parameters of the crystal are known. The frequency
pulling is given by:
where:
fP is the amount the crystal frequency pulled in ppm.
CM is the motional capacitance of the crystal.
CCASE is the case capacitance.
CSPEC is the specified load capacitance.
CLOAD is the actual load capacitance.
When the crystal is loaded as specified, i.e., CLOAD =
CSPEC, the frequency pulling equals zero.
It is possible to use an external reference oscillator in
place of a crystal to drive the VCO. AC-couple the exter-
nal oscillator to XTAL2 with a 1000pF capacitor. Drive
XTAL2 with a signal level of approximately -10dBm. AC-
couple XTAL1 to ground with a 1000pF capacitor.
Data Filter
The data filter is implemented as a 2nd-order lowpass
Sallen-Key filter. The pole locations are set by the com-
bination of two on-chip resistors and two external
capacitors. Adjusting the value of the external capaci-
tors changes the corner frequency to optimize for dif-
ferent data rates. The corner frequency should be set
to approximately 1.5 times the fastest expected data
rate from the transmitter. Keeping the corner frequency
near the data rate rejects any noise at higher frequen-
cies, resulting in an increase in receiver sensitivity.
The configuration shown in Figure 2 can create a
Butterworth or Bessel response. The Butterworth filter
offers a very flat amplitude response in the passband
and a rolloff rate of 40dB/decade for the two-pole filter.
The Bessel filter has a linear phase response, which
works well for filtering digital data. To calculate the
value of C5 and C6, use the following equations, along
with the coefficients in Table 2:
where fC is the desired 3dB corner frequency.
C
b
ak
f
C
a
kf
C
C
5
100
6
4 100
=
()( )( )
= ()( )( )
π
π
f
C
CC
CC
P
M
CASE
LOAD
CASE
SPEC
=
++
⎝⎜
⎠⎟
×
2
11
10
6
-
315MHz/433MHz ASK Superheterodyne
Receiver with AGC Lock
12
______________________________________________________________________________________
RSSI
RDF1
100k
Ω
RDF2
100k
Ω
C5
19
DFO
21
OPP
22
DFFB
C6
MAX7033
FILTER TYPE
a
b
Butterworth (Q = 0.707)
1.414
1.000
Bessel (Q = 0.577)
1.3617
0.618
Figure 2. Sallen-Key Lowpass Data Filter
Table 2. Coefficents to Calculate C5 and C6


Similar Part No. - MAX7033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033 MAXIM-MAX7033 Datasheet
214Kb / 7P
   Evaluation Kit
Rev 0; 12/05
MAX7033 MAXIM-MAX7033 Datasheet
214Kb / 7P
   Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 12/05
MAX7033ETJ MAXIM-MAX7033ETJ Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033ETJ++ MAXIM-MAX7033ETJ+ Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
More results

Similar Description - MAX7033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com