Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4251 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4251
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4251 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4251 Datasheet HTML 1Page - Maxim Integrated Products MAX4251 Datasheet HTML 2Page - Maxim Integrated Products MAX4251 Datasheet HTML 3Page - Maxim Integrated Products MAX4251 Datasheet HTML 4Page - Maxim Integrated Products MAX4251 Datasheet HTML 5Page - Maxim Integrated Products MAX4251 Datasheet HTML 6Page - Maxim Integrated Products MAX4251 Datasheet HTML 7Page - Maxim Integrated Products MAX4251 Datasheet HTML 8Page - Maxim Integrated Products MAX4251 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL connected to VDD/2, SHDN = VDD, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
E temperature
75
100
Power-Supply Rejection Ratio
PSRR
VDD – 2.4V to 5.5V
MAX4250AAUK
72
dB
E temperature
80
116
RL = 10kΩ to VDD/2;
VOUT = 25mV to VDD
– 4.97V
MAX4250AAUK
77
E temperature
80
112
Large-Signal Voltage Gain
AV
RL = 1kΩ to VDD/2;
VOUT = 150V to VDD
– 4.75V
MAX4250AAUK
77
dB
E8
25
VDD - VOH
A30
E7
20
Output Voltage Swing
VOUT
|VIN+ - VIN-| ≥ 10mV;
RL = 10kΩ to VDD/2
VOL - VSS
A25
mV
E
77
200
VDD - VOH
A
225
E
47
100
Output Voltage Swing
VOUT
|VIN+ - VIN-| ≥ 10mV,
RL = 1kΩ to VDD/2
VOL - VSS
A
125
mV
Output Short-Circuit Current
ISC
68
mA
Output Leakage Current
ILEAK
Shutdown mode (SHDN = VSS),
VOUT = VSS to VDD (Note 2)
0.001
1.0
µA
SHDN Logic Low
VIL
(Note 2)
0.2 X VDD
V
SHDN Logic High
VIH
(Note 2)
0.8 X VDD
V
SHDN Input Current
IIL/IIH
SHDN = VSS = VDD (Note 2)
0.5
1.5
µA
Input Capacitance
11
pF
MAX4250–MAX4254
3
Gain-Bandwidth Product
GBW
MAX4249/MAX4255/MAX4256/MAX4257
22
MHz
MAX4250–MAX4254
0.3
Slew Rate
SR
MAX4249/MAX4255/MAX4256/MAX4257
2.1
V/µs
Peak-to-Peak Input-Noise
Voltage
enP-P
f = 0.1Hz to 10Hz
760
nVP-P
f = 10Hz
27
f = 1kHz
8.9
Input Voltage-Noise Density
en
f = 30kHz
7.9
nV/√Hz
Input Current-Noise Density
in
f = 1kHz
0.5
fA/√Hz


Similar Part No. - MAX4251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4251 MAXIM-MAX4251 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4251 MAXIM-MAX4251 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4251ESA++ MAXIM-MAX4251ESA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4251EUA++ MAXIM-MAX4251EUA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com