Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3243E Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3243E
Description  15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243E Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3243E Datasheet HTML 7Page - Maxim Integrated Products MAX3243E Datasheet HTML 8Page - Maxim Integrated Products MAX3243E Datasheet HTML 9Page - Maxim Integrated Products MAX3243E Datasheet HTML 10Page - Maxim Integrated Products MAX3243E Datasheet HTML 11Page - Maxim Integrated Products MAX3243E Datasheet HTML 12Page - Maxim Integrated Products MAX3243E Datasheet HTML 13Page - Maxim Integrated Products MAX3243E Datasheet HTML 14Page - Maxim Integrated Products MAX3243E Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
______________________________________________________________________________________
11
Level 4 (the highest level) of IEC1000-4-2, without the
need for additional ESD-protection components.
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak
current in IEC1000-4-2, because series resistance is
lower in the IEC1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 7a shows the IEEE1000-4-2 model and
Figure 7b shows the current waveform for the ±8kV
IEC1000-4-2 Level 4 ESD contact-discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method connects
the probe to the device before the probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a 200pF
storage capacitor and zero discharge resistance. Its
objective is to emulate the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. Of course, all pins require this protection during
manufacturing, not just RS-232 inputs and outputs.
Therefore, after PC board assembly, the Machine Model
is less relevant to I/O ports.
___________Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; either polarized or nonpolarized
capacitors may be used. The charge pump requires
0.1µF capacitors for 3.3V operation. For other supply
voltages, refer to Table 3 for required capacitor values.
Do not use values smaller than those listed in Table 3.
Increasing the capacitor values (e.g., by a factor of 2)
reduces ripple on the transmitter outputs and slightly
reduces power consumption. C2, C3, and C4 can be
increased without changing C1’s value. However, do
not increase C1 without also increasing the values of
C2, C3, and C4 to maintain the proper ratios (C1 to
the other capacitors).
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1MΩ
RD 1500Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50MΩ to 100MΩ
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 7a. IEC1000-4-2 ESD Test Model
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 7b. IEC1000-4-2 ESD Generator Current Waveform
Figure 6a. Human Body ESD Test Models
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 6b. Human Body Model Current Waveform


Similar Part No. - MAX3243E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3243E MAXIM-MAX3243E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
logo
Texas Instruments
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
742Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3243E MAXIM-MAX3243E Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3243EAI MAXIM-MAX3243EAI Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
More results

Similar Description - MAX3243E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com