Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT68W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BAT68W
Description  Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAT68W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
Dec-20-1996
BAT 68W
Permissible Pulse Load
RTHJS = f(tp)
BAT 68W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
IFmax/IFDC = f(tp)
BAT 68W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
I
Fmax/IFDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
RTHJS = f(tp)
BAT 68-04W, -05W, -06W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
IFmax/IFDC = f(tp)
BAT 68-04W, -05W, -06W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
I
Fmax/IFDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT68-03W Silicon Schottky Diode For mixer applications in the VHF/UHF range For high speed switching 1  2  3  4  5  Siemens Semiconductor Group
BAT68-07W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  4  5  Siemens Semiconductor Group
BAT17W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  Siemens Semiconductor Group
BAT17- Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1  2  3  4  Siemens Semiconductor Group
BAT17-07 Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1  2  3  4  Siemens Semiconductor Group
MA2SD30 Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1  2  3  Panasonic Semiconductor
HSB276AYP SILICON SCHOTTKY BARRIER DIODE FOR HIGH SPEED SWITCHING 1  2  3  4  5  Hitachi Semiconductor
BAT14-4 Silicon Schottky Diodes Medium barrier diodes for detector and mixer applications Hermetical ceramic package 1  2  3  Siemens Semiconductor Group
BAT14 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1  2  3  4  5  More Siemens Semiconductor Group
1SS108 Silicon Schottky Barrier Diode for Various Detector High Speed Switching 1  2  3  4  5  Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn