Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1248 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1248
Description  1024K NV SRAM with Phantom Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1248 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1248 Datasheet HTML 4Page - Maxim Integrated Products DS1248 Datasheet HTML 5Page - Maxim Integrated Products DS1248 Datasheet HTML 6Page - Maxim Integrated Products DS1248 Datasheet HTML 7Page - Maxim Integrated Products DS1248 Datasheet HTML 8Page - Maxim Integrated Products DS1248 Datasheet HTML 9Page - Maxim Integrated Products DS1248 Datasheet HTML 10Page - Maxim Integrated Products DS1248 Datasheet HTML 11Page - Maxim Integrated Products DS1248 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS1248/DS1248P 1024K NV SRAM with Phantom Clock
8 of 19
ZERO BITS
Registers 1, 2, 3, 4, 5, and 6 contain one or more bits, which will always read logic 0. When writing these
locations, either a logic 1 or 0 is acceptable.
BATTERY LONGEVITY
The DS1248 has a lithium power source that is designed to provide energy for clock activity and clock
and RAM data retention when the VCC supply is not present. The capability of this internal power supply
is sufficient to power the DS1248 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at +25°C with the internal clock oscillator running
in the absence of VCC power. Each DS1248 is shipped from Maxim with its lithium energy source
disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than VPF, the
lithium energy source is enabled for battery-backup operation. Actual life expectancy of the DS1248 will
be much longer than 10 years since no lithium battery energy is consumed when VCC is present.
See “Conditions of Acceptability” at www.maxim-ic.com/TechSupport/QA/ntrl.htm
CLOCK ACCURACY (DIP MODULE)
The DS1248 is guaranteed to keep time accuracy to within ±1 minute per month at +25°C. The clock is
calibrated at the factory by Maxim using special calibration nonvolatile tuning elements and does not
require additional calibration. For this reason, methods of field clock calibration are not available and not
necessary.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1248P and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module will typically keep time accuracy to within ±1.53 minutes per month (35ppm) at +25°C.


Similar Part No. - DS1248

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1248 DALLAS-DS1248 Datasheet
285Kb / 21P
   1024k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
logo
Dallas Semiconductor
DS1248P DALLAS-DS1248P Datasheet
285Kb / 21P
   1024k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1248W-100IND ARTSCHIP-DS1248W-100IND Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1248W-120 ARTSCHIP-DS1248W-120 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
More results

Similar Description - DS1248

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1248 DALLAS-DS1248 Datasheet
285Kb / 21P
   1024k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
   64K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
   4096K NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
   256K NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com