Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT68-07W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BAT68-07W
Description  Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68-07W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT68-07W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 4Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT 68-07W
Semiconductor Group
Sep-09-1998
1
Silicon Schottky Diodes
• For mixer applications in the VHF / UHF range
• For high-speed switching applications
VPS05605
4
2
1
3
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BAT 68-07W
87
Q62702-A1200
1 = C1 2 = C2
SOT-343
3 = A2 4 = A1
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
8
V
Forward current
IF
130
mA
Total power dissipation,
TS = 89 °C
Ptot
150
mW
Junction temperature
Tj
150
°C
Operating temperature range
°C
-65...+150
Top
Storage temperature
Tstg
- 65 ...+150
°C
Maximum Ratings
Junction - ambient
1)
RthJA
≤ 570
K/W
Junction - soldering point
RthJS
≤ 410
1) Package mounted on alumina 15mm x 17.6mm x 0.7mm
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT17W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  Siemens Semiconductor Group
BAT68W Silicon Schottky Diodes For mixer applications in the VHF/UHF range For high speed switching 1  2  3  4  Siemens Semiconductor Group
BAT17- Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1  2  3  4  Siemens Semiconductor Group
BAT17-07 Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1  2  3  4  Siemens Semiconductor Group
BAT68-03W Silicon Schottky Diode For mixer applications in the VHF/UHF range For high speed switching 1  2  3  4  5  Siemens Semiconductor Group
BAS28W Silicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAS140W Silicon Schottky Diode General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAT14-4 Silicon Schottky Diodes Medium barrier diodes for detector and mixer applications Hermetical ceramic package 1  2  3  Siemens Semiconductor Group
BAS170W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAT14 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn