Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT68-07W Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BAT68-07W
Description  Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68-07W Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BAT68-07W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 4Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BAT 68-07W
Semiconductor Group
Sep-09-1998
5
Rectifier voltage
Vout = f (Vin)
f = 900 MHz
RL = parameter in kΩ
10
0
10
1
10
2
10
3
mV
VI
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
mV
1000
500
200
100
50
20
RL=10
Testcircuit:
D.U.T
R IN
R L
C L
1nF
50
V I
V 0
Semiconductor Group
5
1998-11-01


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT17W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  Siemens Semiconductor Group
BAT68W Silicon Schottky Diodes For mixer applications in the VHF/UHF range For high speed switching 1  2  3  4  Siemens Semiconductor Group
BAT17- Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1  2  3  4  Siemens Semiconductor Group
BAT17-07 Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1  2  3  4  Siemens Semiconductor Group
BAT68-03W Silicon Schottky Diode For mixer applications in the VHF/UHF range For high speed switching 1  2  3  4  5  Siemens Semiconductor Group
BAS28W Silicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAS140W Silicon Schottky Diode General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAT14-4 Silicon Schottky Diodes Medium barrier diodes for detector and mixer applications Hermetical ceramic package 1  2  3  Siemens Semiconductor Group
BAS170W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAT14 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn