Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4200DY-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI4200DY-T1-GE3
Description  Dual N-Channel 25 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4200DY-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI4200DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Vishay Siliconix
Package Information
Document Number: 71192
11-Sep-06
www.vishay.com
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S


Similar Part No. - SI4200DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4200DY VISHAY-SI4200DY Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
SI4200DY VISHAY-SI4200DY_V01 Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI4200DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com