Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2482-101 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2482-101
Description  Single-Channel 1-Wire Master with Sleep Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2482-101 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2482-101 Datasheet HTML 6Page - Maxim Integrated Products DS2482-101 Datasheet HTML 7Page - Maxim Integrated Products DS2482-101 Datasheet HTML 8Page - Maxim Integrated Products DS2482-101 Datasheet HTML 9Page - Maxim Integrated Products DS2482-101 Datasheet HTML 10Page - Maxim Integrated Products DS2482-101 Datasheet HTML 11Page - Maxim Integrated Products DS2482-101 Datasheet HTML 12Page - Maxim Integrated Products DS2482-101 Datasheet HTML 13Page - Maxim Integrated Products DS2482-101 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Single-Channel 1-Wire Master with Sleep Mode
10
______________________________________________________________________________________
Write Configuration
Command Code
D2h
Command Parameter
Configuration Byte
Description
Writes a new configuration byte. The new settings take effect immediately. Note: When writing to
the Configuration Register, the new data is accepted only if the upper nibble (bits 7 to 4) is the
one’s complement of the lower nibble (bits 3 to 0). When read, the upper nibble is always 0h.
Typical Use
Defining the features for subsequent 1-Wire communication.
Restriction
1-Wire activity must have ended before the DS2482-101 can process this command.
Error Response
Command code and parameter are not acknowledged if 1WB = 1 at the time the command code
is received and the command is ignored.
Command Duration
None. The Configuration Register is updated on the rising SCL edge of the configuration-byte
acknowledge bit.
1-Wire Activity
None
Read Pointer Position
Configuration Register (to verify write).
Status Bits Affected
RST set to 0.
Configuration Bits Affected
1WS, SPU, APU updated.
1-Wire Reset
Command Code
B4h
Command Parameter
None
Description
Generates a 1-Wire reset/presence-detect cycle (Figure 4) at the 1-Wire line. The state of the
1-Wire line is sampled at tSI and tMSP and the result is reported to the host processor through the
Status Register, bits PPD and SD.
Typical Use
To initiate or end any 1-Wire communication sequence.
Restriction
1-Wire activity must have ended before the DS2482-101 can process this command. Strong
pullup (see SPU bit) should not be used in conjunction with the 1-Wire Reset command. If SPU is
enabled, the PPD bit may not be valid and may cause a violation of the device’s absolute
maximum rating.
Error Response
Command code is not acknowledged if 1WB = 1 at the time the command code is received and
the command is ignored.
Command Duration
tRSTL + tRSTH + maximum 262.5ns, counted from the falling SCL edge of the command code
acknowledge bit.
1-Wire Activity
Begins maximum 262.5ns after the falling SCL edge of the command code acknowledge bit.
Read Pointer Position
Status Register (for busy polling).
Status Bits Affected
1WB (set to 1 for tRSTL + tRSTH), PPD is updated at tRSTL + tMSP, SD is updated at tRSTL + tSI.
Configuration Bits Affected
1WS, APU, SPU apply.


Similar Part No. - DS2482-101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482-101 MAXIM-DS2482-101 Datasheet
354Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 2; 11/09
DS2482-101 MAXIM-DS2482-101_V01 Datasheet
312Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
19-4931; Rev 5; 1/15
More results

Similar Description - DS2482-101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482-101 MAXIM-DS2482-101 Datasheet
354Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 2; 11/09
DS2482-101 MAXIM-DS2482-101_V01 Datasheet
312Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
19-4931; Rev 5; 1/15
DS2483 MAXIM-DS2483 Datasheet
3Mb / 29P
   Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode
Rev 0; 12/11
DS2483 MAXIM-DS2483_V01 Datasheet
2Mb / 29P
   Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode
19-6164; Rev 2; 2/13
DS2484 MAXIM-DS2484_15 Datasheet
1Mb / 29P
   Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode
Rev 1; 7/15
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
   Single-Channel 1-Wire Master
Rev 10; 1/15
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
   Single-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
   Single-Channel 1-Wire Master
Rev 1; 7/15
DS2482-100 MAXIM-DS2482-100 Datasheet
359Kb / 24P
   Single-Channel 1-Wire Master
Rev 8; 11/09
DS2482-100 MAXIM-DS2482-100_12 Datasheet
361Kb / 24P
   Single-Channel 1-Wire Master
Rev 9; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com