Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2411 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2411
Description  Silicon Serial Number with Vcc Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2411 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2411 Datasheet HTML 4Page - Maxim Integrated Products DS2411 Datasheet HTML 5Page - Maxim Integrated Products DS2411 Datasheet HTML 6Page - Maxim Integrated Products DS2411 Datasheet HTML 7Page - Maxim Integrated Products DS2411 Datasheet HTML 8Page - Maxim Integrated Products DS2411 Datasheet HTML 9Page - Maxim Integrated Products DS2411 Datasheet HTML 10Page - Maxim Integrated Products DS2411 Datasheet HTML 11Page - Maxim Integrated Products DS2411 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS2411
8 of 12
1-WIRE SIGNALING
The DS2411 requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1, and Read
Data. Except for the presence pulse the bus master initiates all these signals. The DS2411 can
communicate at two different speeds: standard speed and Overdrive speed. If not explicitly set into the
Overdrive mode, the DS2411 will communicate at standard speed. While in Overdrive Mode the fast
timing applies to all waveforms.
To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the threshold VTL.
To get from active to idle, the voltage needs to rise from VILMAX past the threshold VTH. The voltage
VILMAX is relevant for the DS2411 when determining a logical level, but not for triggering any events.
The initialization sequence required to begin any communication with the DS2411 is shown in Figure 6.
A Reset Pulse followed by a Presence Pulse indicates the DS2411 is ready to receive data, given the
correct ROM and memory function command. In a mixed population network, the reset low time tRSTL
needs to be long enough for the slowest 1-Wire slave device to recognize it as a reset pulse. If the bus
master uses slew-rate control on the falling edge, it must pull down the line for tRSTL + tF to compensate
for the edge. A tRSTL duration of 480µs or longer will exit the Overdrive Mode returning the device to
standard speed. If the DS2411 is in Overdrive Mode and tRSTL is no longer than 80µs, the device will
remain in Overdrive Mode.
After the bus master has released the line it goes into receive mode (RX). Now, the 1-Wire bus is pulled
to VPUP via the pullup resistor or, in case of a DS2480B driver, by active circuitry. When the threshold
VTH is crossed, the DS2411 waits for tPDH and then transmits a Presence Pulse by pulling the line low for
tPDL. To detect a presence pulse, the master must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is
expired, the DS2411 is ready for data communication. In a mixed population network, tRSTH should be
extended to minimum 480µs at standard speed and 48µs at Overdrive speed to accommodate other 1-
Wire devices.
Read/Write Time Slots
Data communication with the DS2411 takes place in time slots that carry a single bit each. Write time
slots transport data from bus master to slave. Read time-slots transfer data from slave to master. The
definitions of the write and read time slots are illustrated in Figure 7.
All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line
falls below the threshold VTL, the DS2411 starts its internal timing generator that determines when the
data line will be sampled during a write time slot and how long data will be valid during a read time slot.
Master to Slave
For a write-one time slot, the voltage on the data line must have crossed the VTHMAX threshold after the
write-one low time tW1LMAX is expired. For a write-zero time slot, the voltage on the data line must stay
below the VTHMIN threshold until the write-zero low time tW0LMIN is expired. For most reliable
communication the voltage on the data line should not exceed VILMAX during the entire tW0L window.
After the VTHMAX threshold has been crossed, the DS2411 needs a recovery time tREC before it is ready for
the next time slot.


Similar Part No. - DS2411

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
   Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS2411 MAXIM-DS2411 Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Dallas Semiconductor
DS2411P DALLAS-DS2411P Datasheet
231Kb / 11P
   Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS2411P++ MAXIM-DS2411P+ Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Dallas Semiconductor
DS2411P/R DALLAS-DS2411P/R Datasheet
231Kb / 11P
   Silicon Serial Number with VCC Input
More results

Similar Description - DS2411

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
   Silicon Serial Number with VCC Input
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
   Silicon Serial Number
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
   Serial Number iButton
Rev 4; 8/10
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
   Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
   Serial Number iButton
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
List of Unclassifed Man...
S24VP04 ETC1-S24VP04 Datasheet
67Kb / 12P
   4K Serial E2PROM with a Precision Low-VCC Lockout Circuit
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com