Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921H Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1921H
Description  High-Resolution Thermochron iButton
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921H Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1921H_11 Datasheet HTML 1Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 2Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 3Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 4Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 5Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 6Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 7Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 8Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
DS1921H/Z
3 of 45
the seven available commands. The protocol for these memory function commands is described in Figure
10. All data is read and written least significant bit first.
DS1921H/Z BLOCK DIAGRAM Figure 1
Internal
Timekeeping &
Control Reg. &
Counters
3V Lithium
General-Purpose
SRAM
Register Page
Alarm Time Stamp
and Duration
Logging Memory
Datalog
Memory
Histogram Memory
32.768kHz
Oscillator
Control
Logic
Temperature
Sensor
256-Bit
Scratchpad
Memory
Function
Control
ROM
Function
Control
64-Bit
Lasered
ROM
Parasite
Powered
Circuitry
1-Wire
Port
IO
PARASITE POWER
The block diagram (Figure 1) shows the parasite-powered circuitry. This circuitry “steals” power
whenever the IO input is high. IO will provide sufficient power as long as the specified timing and
voltage requirements are met. The advantages of parasite power are two-fold: 1) By parasiting off this
input, battery power is not consumed for 1-Wire ROM function commands, and 2) if the battery is
exhausted for any reason, the ROM may still be read normally. The remaining circuitry of the DS1921 is
solely operated by battery energy.
64-BIT LASERED ROM
Each DS1921 contains a unique ROM code that is 64 bits long. The first eight bits are a 1-Wire family
code. The next 36 bits are a unique serial number. The next 12 bits, called temperature range code, allow
distinguishing the DS1921H and DS1921Z from each other and from other DS1921 versions. The last
eight bits are a CRC of the first 56 bits. See Figure 3 for details. The 1-Wire CRC is generated using a
polynomial generator consisting of a shift register and XOR gates as shown in Figure 4. The polynomial
is X8 + X5 + X4 + 1. Additional information about the Maxim 1-Wire Cyclic Redundancy Check is
available in Application Note 27.


Similar Part No. - DS1921H_11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_12 Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
More results

Similar Description - DS1921H_11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_V01 Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com