Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921H Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1921H
Description  High-Resolution Thermochron iButton
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921H Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1921H_11 Datasheet HTML 1Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 2Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 3Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 4Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 5Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 6Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 7Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 8Page - Maxim Integrated Products DS1921H_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
DS1921H/Z
2 of 44
iButton DESCRIPTION
The DS1921H/Z Thermochron iButtons are rugged, self-sufficient systems that measure temperature and
record the result in a protected memory section. The recording is done at a user-defined rate, both as a
direct storage of temperature values as well as in the form of a histogram. Up to 2048 temperature values
taken at equidistant intervals ranging from 1 to 255 minutes can be stored. The histogram provides 64
data bins with a resolution of 0.5°C. If the temperature leaves a user-programmable range, the
DS1921H/Z will also record when this happened, for how long the temperature stayed outside the
permitted range, and if the temperature was too high or too low. Additional 512 bytes of read/write NV
memory allow storing information pertaining to the object to which the DS1921H/Z is associated. Data is
transferred serially via the 1-Wire protocol, which requires only a single data lead and a ground return.
Every DS1921H/Z is factory-lasered with a guaranteed unique electrically readable 64-bit registration
number that allows for absolute traceability. The durable stainless steel package is highly resistant to
environmental hazards such as dirt, moisture, and shock. Accessories permit the DS1921H/Z to be
mounted on almost any object, including containers, pallets, and bags.
APPLICATION
The DS1921Z is an ideal device to monitor the temperature of any object it is attached to or shipped with,
such as fresh produce, medical drugs and supplies. It is also ideal for use in refrigerators. The DS1921H
is intended for monitoring the body temperature of humans and animals and for monitoring temperature
critical processes such as curing, powder coating, and painting. Alternatively, the DS1921H can be used
for monitoring the temperature of clean rooms, and computer and equipment rooms. It can also aid in
calculating the proportional share of heating cost of each party in buildings with central heating. The
DS1921H has a fixed range of +15°C to +46°C. The DS1921Z has a fixed range of -5°C to +26°C. The
high resolution makes the DS1921H and DS1921Z suitable for scientific research and development. The
read/write NV memory can store information such as shipping manifests, dates of manufacture, or other
relevant data written as ASCII or encrypted files. Note that the initial sealing level of DS1921H/Z
achieves the equivalent of IP56. Aging and use conditions can degrade the integrity of the seal over time,
so for applications with significant exposure to liquids, sprays, or other similar environments, it is
recommended to place the Thermochron in the DS9107 iButton capsule. The DS9107 provides a
watertight enclosure that has been rated to IP68 (refer to Application Note 4126).
OVERVIEW
The block diagram in Figure 1 shows the relationships between the major control and memory sections of
the DS1921H/Z. The device has seven main data components: 1) 64-bit lasered ROM; 2) 256-bit
scratchpad; 3) 4096-bit general-purpose SRAM; 4) 256-bit register page of timekeeping, control, and
counter registers; 5) 96 bytes of alarm time stamp and duration logging memory; 6) 128 bytes of
histogram memory; and 7) 2048 bytes of data-logging memory. Except for the ROM and the scratchpad,
all other memory is arranged in a single linear address space. All memory reserved for logging purposes,
counter registers and several other registers are read-only for the user. The timekeeping and control
registers are write-protected while the device is programmed for a mission.
The hierarchical structure of the 1-Wire protocol is shown in Figure 2. The bus master must first provide
one of the seven ROM function commands: 1) Read ROM; 2) Match ROM; 3) Search ROM; 4)
Conditional Search ROM; 5) Skip ROM; 6) Overdrive-Skip ROM; or 7) Overdrive-Match ROM. Upon
completion of an Overdrive ROM command byte executed at standard speed, the device will enter
Overdrive mode, where all subsequent communication occurs at a higher speed. The protocol required for
these ROM function commands is described in Figure 13. After a ROM function command is
successfully executed, the memory functions become accessible and the master may provide any one of


Similar Part No. - DS1921H_11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_12 Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
More results

Similar Description - DS1921H_11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_V01 Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com