Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4114DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4114DY
Description  N-Channel 20-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4114DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4114DY Datasheet HTML 1Page - Vishay Siliconix SI4114DY Datasheet HTML 2Page - Vishay Siliconix SI4114DY Datasheet HTML 3Page - Vishay Siliconix SI4114DY Datasheet HTML 4Page - Vishay Siliconix SI4114DY Datasheet HTML 5Page - Vishay Siliconix SI4114DY Datasheet HTML 6Page - Vishay Siliconix SI4114DY Datasheet HTML 7Page - Vishay Siliconix SI4114DY Datasheet HTML 8Page - Vishay Siliconix SI4114DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 68394
S09-0764-Rev. B, 04-May-09
Vishay Siliconix
Si4114DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
V
SD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
- 0.9
- 0.6
- 0.3
0.0
0.3
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID =5mA
T
J - Junction Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.01
0.02
0.03
0.04
0.05
0
246
8
10
TJ = 25 °C
TJ = 125 °C
ID =10A
V
GS - Gate-to-Source Voltage (V)
0
34
68
102
136
170
0
1
1
1
0
0
.
0
0.01
0.1
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
100
1
100
0.01
0.1
10
1ms
10 ms
100 ms
1s
DC
10 s
BVDSS
V
DS - Drain-to-Source Voltage (V)
* V
DS > minimum VGS at which RDS(on) is specified
Limited by RDS(on)*
TA = 25 °C
Single Pulse


Similar Part No. - SI4114DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4114DY VISHAY-SI4114DY Datasheet
141Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 05-May-08
logo
Vishay Telefunken
SI4114DY TFUNK-SI4114DY Datasheet
245Kb / 10P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4114DY-T1-E3 VISHAY-SI4114DY-T1-E3 Datasheet
198Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI4114DY-T1-GE3 VISHAY-SI4114DY-T1-GE3 Datasheet
198Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI4114DY VISHAY-SI4114DY_V01 Datasheet
198Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4114DY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com