Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4108DY-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4108DY-T1-GE3
Description  N-Channel 75-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4108DY-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4108DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4108DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4108DY
New Product
Document Number: 68635
S-81195-Rev. A, 26-May-08
www.vishay.com
1
N-Channel 75-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Primary Side Switch
Half Bridge
Intermediate Bus Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
75
0.0098 at VGS = 10 V
20.5
36 nC
S
S
D
D
D
S
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4108DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 80 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
75
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
20.5
A
TC = 70 °C
16.4
TA = 25 °C
13.8b, c
TA = 70 °C
11.1b, c
Pulsed Drain Current
IDM
60
Continuous Source-Drain Diode Current
TC = 25 °C
IS
6.5
TA = 25 °C
3b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
32
Single Pulse Avalanche Energy
EAS
51.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
7.8
W
TC = 70 °C
5
TA = 25 °C
3.6b, c
TA = 70 °C
2.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
29
35
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
13
16
RoHS
COMPLIANT


Similar Part No. - SI4108DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4100DY VISHAY-SI4100DY Datasheet
197Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 20-Aug-07
logo
Vishay Telefunken
SI4100DY TFUNK-SI4100DY Datasheet
247Kb / 10P
   N-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SI4100DY-T1-E3 VBSEMI-SI4100DY-T1-E3 Datasheet
610Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4100DY VISHAY-SI4100DY_V01 Datasheet
178Kb / 9P
   N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI4101DY VISHAY-SI4101DY Datasheet
210Kb / 9P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 21-Jan-13
More results

Similar Description - SI4108DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com