Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3900DV-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI3900DV-T1-GE3
Description  Dual N-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3900DV-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3900DV-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI3900DV-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 71178
S09-2275-Rev. D, 02-Nov-09
www.vishay.com
3
Vishay Siliconix
Si3900DV
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.0
0.1
0.2
0.3
0.4
0.5
012
34
567
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
0.0
0.9
1.8
2.7
3.6
4.5
0.0
0.5
1.0
1.5
2.0
2.5
VDS = 10 V
ID = 2.4 A
Qg - Total Gate Charge (nC)
1.2
1.5
0.1
1
10
0
0.3
0.6
0.9
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
50
100
150
200
250
300
04
8
12
16
20
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 2.4 A
TJ - Junction Temperature (°C)
0.00
0.08
0.16
0.24
0.32
0.40
0
1234
5
VGS - Gate-to-Source Voltage (V)
ID = 2.4 A
ID = 1 A


Similar Part No. - SI3900DV-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3900DV-T1-GE3 VBSEMI-SI3900DV-T1-GE3 Datasheet
514Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - SI3900DV-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com