Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3585CDV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI3585CDV
Description  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3585CDV Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3585CDV Datasheet HTML 1Page - Vishay Siliconix SI3585CDV Datasheet HTML 2Page - Vishay Siliconix SI3585CDV Datasheet HTML 3Page - Vishay Siliconix SI3585CDV Datasheet HTML 4Page - Vishay Siliconix SI3585CDV Datasheet HTML 5Page - Vishay Siliconix SI3585CDV Datasheet HTML 6Page - Vishay Siliconix SI3585CDV Datasheet HTML 7Page - Vishay Siliconix SI3585CDV Datasheet HTML 8Page - Vishay Siliconix SI3585CDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 67470
S11-0613-Rev. A, 04-Apr-11
Vishay Siliconix
Si3585CDV
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
3
6
9
12
00.5
11.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 3 V
V
GS = 1.5 V
V
GS = 2 V
V
GS = 2.5 V
0.03
0.04
0.05
0.06
0.07
0.08
0369
12
I
D - Drain Current (A)
V
GS = 2.5 V
V
GS = 4.5 V
0
1
2
3
4
5
05
10
15
20
Q
g - Total Gate Charge (nC)
V
DS = 10 V
I
D = 3.5 A
V
DS = 16 V
V
DS = 5 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0
0.5
1
1.5
2
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
42
84
126
168
210
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
-50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 3.5 A
V
GS = 4.5 V
V
GS = 2.5 V


Similar Part No. - SI3585CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI3585CDV TFUNK-SI3585CDV Datasheet
255Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3585CDV VISHAY-SI3585CDV Datasheet
285Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3585CDV-T1-GE3 VBSEMI-SI3585CDV-T1-GE3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Vishay Siliconix
SI3585CDV VISHAY-SI3585CDV_V01 Datasheet
285Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3585CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com