Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT64-W Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BAT64-W
Description  Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT64-W Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BAT64-W Datasheet HTML 1Page - Siemens Semiconductor Group BAT64-W Datasheet HTML 2Page - Siemens Semiconductor Group BAT64-W Datasheet HTML 3Page - Siemens Semiconductor Group BAT64-W Datasheet HTML 4Page - Siemens Semiconductor Group BAT64-W Datasheet HTML 5Page - Siemens Semiconductor Group BAT64-W Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BAT 64...W
Semiconductor Group
Sep-07-1998
6
Forward current
IF = f (TA*; TS)
* Package mounted on epoxy
BAT 64-05W
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mA
300
TS
TA
Permissible Pulse Load
IFmax / IFDC = f (tp)
BAT 64-05W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
RthJS = f (tp)
BAT 64-05W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Semiconductor Group
6
1998-11-01


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT64-07 Silicon Schottky Diodes For low-loss fast-recovery meter protection bias isolation and clamping applications Integrated diffused guard ring 1  2  3  4  Siemens Semiconductor Group
BAT64-07W Silicon Schottky Diodes For low-loss fast-recovery meter protection bias isolation and clamping applications Integrated diffused guard ring 1  2  3  Siemens Semiconductor Group
BAT64 Silicon Schottky Diodes For low-loss fast-recovery meter protection bias isolation and clamping applications Integrated diffused guard ring 1  2  3  Siemens Semiconductor Group
BAS125 Silicon Schottky Diodes For low-loss fast-recovery meter protection bias isolation and clamping applications 1  2  3  4  5  Siemens Semiconductor Group
BAS125-07W Silicon Schottky Diode For low-loss fast-recovery meter protection bias isolation and clamping applications 1  2  3  4  Siemens Semiconductor Group
BAS125W Preliminary data Silicon Schottky Diodes For low-loss fast-recovery meter protection bias isolation and clamping application 1  2  3  4  5  Siemens Semiconductor Group
BAT63-099R Silicon Schottky Diodes Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad 1  2  3  4  Siemens Semiconductor Group
BAS140W Silicon Schottky Diode General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  Siemens Semiconductor Group
BAS70- Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1  2  3  4  5  Siemens Semiconductor Group
BAT14-4 Silicon Schottky Diodes Medium barrier diodes for detector and mixer applications Hermetical ceramic package 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn