Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3458BDV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3458BDV
Description  N-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3458BDV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3458BDV Datasheet HTML 1Page - Vishay Siliconix SI3458BDV Datasheet HTML 2Page - Vishay Siliconix SI3458BDV Datasheet HTML 3Page - Vishay Siliconix SI3458BDV Datasheet HTML 4Page - Vishay Siliconix SI3458BDV Datasheet HTML 5Page - Vishay Siliconix SI3458BDV Datasheet HTML 6Page - Vishay Siliconix SI3458BDV Datasheet HTML 7Page - Vishay Siliconix SI3458BDV Datasheet HTML 8Page - Vishay Siliconix SI3458BDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si3458BDV
Document Number: 69501
S09-0660-Rev. B, 20-Apr-09
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d
Qg (Typ.)
60
0.100 at VGS = 10 V
4.1
3.5 nC
0.128 at VGS = 4.5 V
3.6
Marking Code
AN
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si3458BDV-T1-E3 (Lead (Pb)-free)
Si3458BDV-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
D
D
D
D
S
G
(1, 2, 5, 6)
(3)
(4)
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 5 s.
c. Maximum under steady state conditions is 110 °C/W.
d. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.1
A
TC = 70 °C
3.2
TA = 25 °C
3.2a, b
TA = 70 °C
2.5a, b
Pulsed Drain Current
IDM
10
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.9
TA = 25 °C
1.7a, b
Maximum Power Dissipation
TC = 25 °C
PD
3.3
W
TC = 70 °C
2.1
TA = 25 °C
2a, b
TA = 70 °C
1.3a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 5 s
RthJA
53
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
32
38
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Applications
LED Backlight Switch
DC/DC Converter


Similar Part No. - SI3458BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3458BDV VISHAY-SI3458BDV Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 03-Dec-07
Si3458BDV VISHAY-Si3458BDV Datasheet
221Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
SI3458BDV-T1-E3 VISHAY-SI3458BDV-T1-E3 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 03-Dec-07
SI3458BDV-T1-GE3 VISHAY-SI3458BDV-T1-GE3 Datasheet
216Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
logo
VBsemi Electronics Co.,...
SI3458BDV-T1-GE3 VBSEMI-SI3458BDV-T1-GE3 Datasheet
399Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI3458BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com