Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3442BDV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3442BDV
Description  N-Channel 2.5-V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3442BDV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3442BDV Datasheet HTML 1Page - Vishay Siliconix SI3442BDV Datasheet HTML 2Page - Vishay Siliconix SI3442BDV Datasheet HTML 3Page - Vishay Siliconix SI3442BDV Datasheet HTML 4Page - Vishay Siliconix SI3442BDV Datasheet HTML 5Page - Vishay Siliconix SI3442BDV Datasheet HTML 6Page - Vishay Siliconix SI3442BDV Datasheet HTML 7Page - Vishay Siliconix SI3442BDV Datasheet HTML 8Page - Vishay Siliconix SI3442BDV Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72504
S09-2110-Rev. E, 12-Oct-09
Vishay Siliconix
Si3442BDV
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 70 °C
5
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
10
A
VDS = 5 V, VGS = 2.5 V
4
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 4 A
0.045
0.057
Ω
VGS = 2.5 V, ID = 3.4 A
0.070
0.090
Forward Transconductancea
gfs
VDS = 10 V, ID = 4.0 A
11.3
S
Diode Forward Voltagea
VSD
IS = 1.6 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
295
pF
Output Capacitance
Coss
75
Reverse Transfer Capacitance
Crss
45
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 4.0 A
35
nC
Gate-Source Charge
Qgs
0.65
Gate-Drain Charge
Qgd
0.95
Gate Resistance
Rg
f = 1 MHz
2.7
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
35
55
ns
Rise Time
tr
50
75
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
15
25
Source-Drain Reverse Recovery Time
trr
IF = 1.6 A, dI/dt = 100 A/µs
30
60
Output Characteristics
0
4
8
12
16
20
0
1234
5
VGS = 5 V thru 3.5 V
2.5 V
VDS - Drain-to-Source Voltage (V)
3 V
2 V
1.5 V
Transfer Characteristics
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI3442BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 15-Mar-04
SI3442BDV VISHAY-SI3442BDV Datasheet
112Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. D, 10-Sep-07
SI3442BDV VISHAY-SI3442BDV Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
Si3442BDV VISHAY-Si3442BDV Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI3442BDV VISHAY-SI3442BDV Datasheet
208Kb / 9P
   N-Channel 2.5-V (G-S) MOSFETs
01-Jan-2022
More results

Similar Description - SI3442BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com