Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT63 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BAT63
Description  Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT63 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
3
BAT 63
Forward current
I
F = f (VF)
Permissible Pulse load
R
thJS = f (tp)
Forward current
I
F = f (TS; TA)
Permissible Pulse load
I
Fmax / IFDC = f (tp)
T
A = 25 °C


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT62-02WSilicon Schottky Diode Low barrier diode for detectors up to GHz frequencies 1 2 3 4 Siemens Semiconductor Group
BAT62-03WSilicon Schottky Diode Low Barrier diode for detectors up to GHz frequencies 1 2 3 4 Siemens Semiconductor Group
BAT62-07WSilicon Schottky Diode Low barrier diode for detectors up to GHz frequencies 1 2 3 4 Siemens Semiconductor Group
BAT15-099RSilicon Crossover Ring Quad Schottky Diode Low barrier diode for double balanced mixers phase detectors and modulators 1 2 Siemens Semiconductor Group
BAT63-099RSilicon Schottky Diodes Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad 1 2 3 4 Siemens Semiconductor Group
BAT15-4Silicon Schottky Diodes Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz 1 2 Siemens Semiconductor Group
BAT62Silicon Schottky Diode Low barrier diode for detectors up to GHz frequencies. 1 2 3 Siemens Semiconductor Group
BAT15-03WSilicon Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15-04Silicon Dual Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn