Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1216F Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1216F
Description  SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1216F Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1216F Datasheet HTML 1Page - Maxim Integrated Products DS1216F Datasheet HTML 2Page - Maxim Integrated Products DS1216F Datasheet HTML 3Page - Maxim Integrated Products DS1216F Datasheet HTML 4Page - Maxim Integrated Products DS1216F Datasheet HTML 5Page - Maxim Integrated Products DS1216F Datasheet HTML 6Page - Maxim Integrated Products DS1216F Datasheet HTML 7Page - Maxim Integrated Products DS1216F Datasheet HTML 8Page - Maxim Integrated Products DS1216F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS1216 SmartWatch RAM/SmartWatch ROM
3 of 15
DETAILED DESCRIPTION
The DS1216 SmartWatch RAM and SmartWatch ROM Sockets are 600-mil-wide DIP sockets with a
built-in CMOS watch function, an NV RAM controller circuit, and an embedded lithium energy source.
The sockets provide an NV RAM solution for memory sized from 2K x 8 to 512K x 8 with package sizes
from 26 pins to 32 pins. When a socket is mated with a CMOS SRAM, it provides a complete solution to
problems associated with memory volatility and uses a common energy source to maintain time and date.
The SmartWatch ROM sockets use the embedded lithium source to maintain the time and date only. A
key feature of the SmartWatch is that the watch function remains transparent to the RAM. The
SmartWatch monitors VCC for an out-of-tolerance condition. When such a condition occurs, an internal
lithium energy source is automatically switched on and write protection is unconditionally enabled to
prevent loss of watch and RAM data.
Using the SmartWatch saves PC board space since the combination of SmartWatch and the mated RAM
take up no more area than the memory alone. The SmartWatch uses the VCC, data I/O 0, CE, OE, and WE
for RAM and watch control. All other pins are passed straight through to the socket receptacle.
The SmartWatch provides timekeeping information including hundredths of seconds, seconds, minutes,
hours, days, date, months, and years. The date at the end of the month is automatically adjusted for
months with fewer than 31 days, including correction for leap years. The SmartWatch operates in either
24-hour or 12-hour format with an AM/PM indicator.
OPERATION
Communication with the SmartWatch RAM is established by pattern recognition on a serial bit stream of
64 bits that must be matched by executing 64 consecutive write cycles containing the proper data on
DQ0. On the SmartWatch ROM, communication with the clock is established using A2 and A0, and
either OE or CE. All accesses that occur prior to recognition of the 64-bit pattern are directed to memory.
After the pattern match, the next 64 reads and/or writes are directed to the clock, and the RAM is
disabled. Once the pattern is established, the next 64 read/write cycles will be directed to the RTC
registers. When power is cycled, 64 reads should be executed prior to any writes to ensure that the RTC
registers are not written. A pattern match is ignored if the RST bit is zero and the RST pin goes low
during the match sequence. A pattern match is also terminated if a read occurs during the 64-bit match
sequence.
PATTERN MATCH—RAM
Data transfer to and from the timekeeping registers is accomplished with a serial bit stream under control
of chip enable (CE), output enable (OE), and write enable (WE). Initially, a read cycle to any memory
location using the CE and OE control of the SmartWatch starts the pattern recognition sequence by
moving a pointer to the first bit of the 64-bit comparison register. Next, 64 consecutive write cycles are
executed using the CE and WE control of the SmartWatch. These 64 write cycles are used only to gain
access to the SmartWatch. Therefore, any address to the memory in the socket is acceptable. However,
the write cycles generated to gain access to the SmartWatch are also writing data to a location in the
mated RAM. The preferred way to manage this requirement is to set aside just one address location in
RAM as a SmartWatch scratch pad. When the first write cycle is executed, it is compared to bit 0 of the
64-bit comparison register. If a match is found, the pointer increments to the next location of the


Similar Part No. - DS1216F

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1216F DALLAS-DS1216F Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
More results

Similar Description - DS1216F

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1216 DALLAS-DS1216 Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com