Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2324DS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2324DS
Description  N-Channel 100 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2324DS Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2324DS Datasheet HTML 1Page - Vishay Siliconix SI2324DS Datasheet HTML 2Page - Vishay Siliconix SI2324DS Datasheet HTML 3Page - Vishay Siliconix SI2324DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
Document Number: 63245
2
S11-1189-Rev. A, 27-Jun-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPICE Device Model Si2324DS
Vishay Siliconix
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
SIMULATED
DATA
MEASURED
DATA
UNIT
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.8
-
V
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 1.5 A
0.199
0.195
VGS = 6 V, ID = 1 A
0.222
0.222
Forward Transconductancea
gfs
VDS = 20 V, ID = 4.6 A
3
2
S
Body Diode Voltage
VSD
IS = 1.3 A
0.79
0.80
V
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
190
190
pF
Output Capacitance
Coss
22
22
Reverse Transfer Capacitance
Crss
15
13
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 1.6 A
4.1
5.2
nC
VDS = 50 V, VGS = 4.5 V, ID = 1.6 A
2.5
2.9
Gate-Source Charge
Qgs
0.75
0.75
Gate-Drain Charge
Qgd
1.4
1.4


Similar Part No. - SI2324DS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
   N-Channel Enhancement MOSFET
logo
Vishay Siliconix
SI2324DS VISHAY-SI2324DS Datasheet
210Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2324DS-HF KEXIN-SI2324DS-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
SI2324DS-HF-3 KEXIN-SI2324DS-HF-3 Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI2324DS-T1-GE3 VBSEMI-SI2324DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SI2324DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com