Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1216 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1216
Description  SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1216 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1216 Datasheet HTML 6Page - Maxim Integrated Products DS1216 Datasheet HTML 7Page - Maxim Integrated Products DS1216 Datasheet HTML 8Page - Maxim Integrated Products DS1216 Datasheet HTML 9Page - Maxim Integrated Products DS1216 Datasheet HTML 10Page - Maxim Integrated Products DS1216 Datasheet HTML 11Page - Maxim Integrated Products DS1216 Datasheet HTML 12Page - Maxim Integrated Products DS1216 Datasheet HTML 13Page - Maxim Integrated Products DS1216 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS1216 SmartWatch RAM/SmartWatch ROM
10 of 15
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
Expected Data Retention
tDR
10
years
14
AC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
75
ns
CE
Access Time
tCO
65
ns
OE
Access Time
tOE
65
ns
CE
to Output Low-Z
tCOE
6
ns
OE
to Output Low-Z
tOEE
6
ns
CE
to Output High-Z
tOD
30
ns
OE
to Output High-Z
tODO
30
ns
Address Setup Time (ROM)
tAS
20
11
Address Hold Time (ROM)
tAH
10
12
Read Recovery
tRR
15
ns
Write Cycle Time
tWC
75
ns
Write Pulse Width
tWP
75
ns
Write Recovery
tWR
15
ns
9
Data Setup Time
tDS
35
ns
10
Data Hold Time
tDH
0
ns
10
CE
Pulse Width
tCW
65
ns
RST
Pulse Width
tRST
75
ns
CE
Propagation Delay
tPD
6
ns
7
CE
High to Power-Fail
tPF
0
ns


Similar Part No. - DS1216

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1216 DALLAS-DS1216 Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
DS1216B DALLAS-DS1216B Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
DS1216C DALLAS-DS1216C Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
logo
List of Unclassifed Man...
DS1216C38.22 ETC2-DS1216C38.22 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Dallas Semiconductor
DS1216D DALLAS-DS1216D Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
More results

Similar Description - DS1216

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1216 DALLAS-DS1216 Datasheet
334Kb / 13P
   SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com