Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1080L Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1080L
Description  Spread-Spectrum Crystal Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1080L Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1080L_11 Datasheet HTML 1Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 2Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 3Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 4Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 5Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 6Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 7Page - Maxim Integrated Products DS1080L_11 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Spread-Spectrum Crystal Multiplier
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0 to +3.6V, TA = -40°C to +125°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SSO Duty Cycle
SSODC
Measured at VCC/2
40
60
%
Rise Time
tR
(Note 6)
1.6
ns
Fall Time
tF
(Note 6)
1.6
ns
Peak Cycle-to-Cycle Jitter
tJ
fSSO = 16MHz, TA = -40 to +85°C,
10,000 cycles (Note 5)
75
ps
16MHz
20
Power-Up Time
tPOR
PDN pin (Note 7)
33.4MHz
11
ms
Power-Down Time
tPDN
PDN pin (Notes 8 and 9)
100
ns
Dither Rate
fDITHER
fIN/1024
Note 1: All voltages referenced to ground.
Note 2: Maximum source/sink current applied to input to be considered an open.
Note 3: Applicable to pins CMSEL, SMSEL, and PDN.
Note 4: See information about CL1 and CL2 in the Applications Information section at the end of the data sheet.
Note 5: Not production tested.
Note 6: For 7pF load.
Note 7: Time between PDN deasserted to output active.
Note 8: Time between PDN asserted to output high impedance.
Note 9: Guaranteed by design.


Similar Part No. - DS1080L_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L_12 Datasheet
155Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
More results

Similar Description - DS1080L_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
DS1080CL MAXIM-DS1080CL Datasheet
284Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 1; 10/11
DS1080L MAXIM-DS1080L_V01 Datasheet
217Kb / 8P
   Spread-Spectrum Crystal Multiplier
19-4997; Rev 5; 3/13
logo
Dallas Semiconductor
DS1080L DALLAS-DS1080L Datasheet
178Kb / 8P
   Spread-Spectrum Crystal Multiplier
logo
Maxim Integrated Produc...
MAX31180 MAXIM-MAX31180 Datasheet
538Kb / 9P
   Spread-Spectrum Crystal Multiplier
19-6524; Rev 3; 2/19
DS1080L MAXIM-DS1080L_12 Datasheet
155Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
logo
Integrated Circuit Syst...
MK1714-02 ICST-MK1714-02 Datasheet
72Kb / 5P
   Spread Spectrum Multiplier Clock
logo
Renesas Technology Corp
MK1714-01 RENESAS-MK1714-01 Datasheet
404Kb / 10P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
MK1714-02 RENESAS-MK1714-02 Datasheet
379Kb / 9P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com