Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1958DH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1958DH
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1958DH Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1958DH_10 Datasheet HTML 1Page - Vishay Siliconix SI1958DH_10 Datasheet HTML 2Page - Vishay Siliconix SI1958DH_10 Datasheet HTML 3Page - Vishay Siliconix SI1958DH_10 Datasheet HTML 4Page - Vishay Siliconix SI1958DH_10 Datasheet HTML 5Page - Vishay Siliconix SI1958DH_10 Datasheet HTML 6Page - Vishay Siliconix SI1958DH_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 74340
S10-0792-Rev. C, 05-Apr-10
Vishay Siliconix
Si1958DH
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Forward Diode Voltage
Threshold Voltage
0.1
1
10
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
VSD - Source-to-Drain Voltage (V)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-Source Voltage
Single Pulse Power
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
012345
VGS - Gate-to-Source Voltage (V)
ID = 1.3 A
TA = 125 °C
TA = 25 °C
0
1
5
Time (s)
3
4
1
600
10
0.1
0.01
2
100
Safe Operating Area, Junction-to-Case
0.01
0.1
1
10
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
Single Pulsed
TA = 25 °C
Limited by R
*
DS(on)
100 µs
1 ms
10 ms
100 ms
1 s, 10 s
DC
IDM Limited
ID(on) Limited
BVDSS Limited


Similar Part No. - SI1958DH_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1958DH-T1-E3 VISHAY-SI1958DH-T1-E3 Datasheet
122Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 26-Mar-07
SI1958DH VISHAY-SI1958DH_V01 Datasheet
131Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI1958DH_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com