Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6521FE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 71M6521FE
Description  Energy Meter ICs
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6521FE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 71M6521FE Datasheet HTML 5Page - Maxim Integrated Products 71M6521FE Datasheet HTML 6Page - Maxim Integrated Products 71M6521FE Datasheet HTML 7Page - Maxim Integrated Products 71M6521FE Datasheet HTML 8Page - Maxim Integrated Products 71M6521FE Datasheet HTML 9Page - Maxim Integrated Products 71M6521FE Datasheet HTML 10Page - Maxim Integrated Products 71M6521FE Datasheet HTML 11Page - Maxim Integrated Products 71M6521FE Datasheet HTML 12Page - Maxim Integrated Products 71M6521FE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
71M6521DE/DH/FE Data Sheet
Rev 2
Page: 9 of 107
Figure 1: IC Functional Block Diagram
IA
VA
MUX
XIN
XOUT
VREF
CKADC
CKTEST/
SEG19
CE
32 bit Compute
Engine
MPU
(80515)
CE
CONTROL
OPT_RX/
DIO1
OPT_TX/
DIO2/
WPULSE/
VARPULSE
RESET
V1
EMULATOR
PORT
UART
TX
RX
COM0..3
VLC2
LCD DISPLAY
DRIVER
DATA
00-7F
PROG
000-7FF
DATA
0000-FFFF
PROG
0000-7FFF
0000-
7FFF
MPU XRAM
(2KB)
0000-07FF
DIGITAL I/O
CONFIG
2000-20FF
CE RAM
(0.5KB)
MEMORY SHARE
1000-11FF
RTCLK
RTCLK (32KHz)
MUX_SYNC
CKCE
CKMPU
CK32
CE_E
RTM_E
LCD_E
LCD_CLK
LCD_MODE
DIO
4.9MHz
<4.9MHz
4.9MHz
GNDD
V3P3A
V3P3D
VBAT
VOLT
REG
2.5V to logic
V2P5
MPU_DIV
SUM_CYCLES
PRE_SAMPS
EQU
CKOUT_E
32KHz
TMUXOUT
MPU_RSTZ
FAULTZ
WAKE
TMUX[4:0]
CONFIGURATION
PARAMETERS
GNDA
VBIAS
December 11, 2006
CROSS
CK_GEN
OSC
(32KHz)
CK32
CKOUT_E
MCK
PLL
VREF
VREF_DIS
DIV
ADC
MUX
CTRL
MUX_DIV
CHOP_E
EQU
STRT
IB
MUX
MUX
CKFIR
4.9MHz
RTM
SEG34/DIO14 ..
SEG37/DIO17
WPULSE
VARPULSE
WPULSE
VARPULSE
TEST
TEST
MODE
LCD_MODE
VLC1
VLC0
LCD_E
<4.9MHz
LCD_NUM
DIO_R
DIO_DIR
LCD_NUM
DIO_PV/PW
MUX_ALT
SEG24/DIO4 ..
SEG31/DIO11
SDCK
SDOUT
SDIN
E_RXTX/SEG38
E_TCLK/SEG33
E_RST/SEG32
FLASH
(16/32KB)
FLSH66ZT
V3P3A
FIR_LEN
FIR
SEG0..18
EEPROM
INTERFACE
DIO_EEX
CK_2X
ECK_DIS
V3P3D
LCD_GEN
X4MHZ
PB
RTC
RTC_INC_SEC
RTC_DEC_SEC
VB
VBIAS
MEMORY
SHARE
SEG32,33
SEG19,38
E_RXTX
E_TCLK
E_RST (Open Drain)
ICE_E
DIO1,2
VREF_CAL
∆Σ ADC
CONVERTER
+
-
VREF
ADC_E
RTM_0..3
CE_LCTN
PLS_MAXWIDTH
PLS_INTERVAL
PLS_INV
LCD_BLKMAP
LCD_SEG
LCD_Y
SLEEP
LCD_ONLY
V3P3SYS
TEST
MUX
DIO3,
DIO19/SEG39,
DIO20/SEG40,
DIO21/SEG41
(68 Pin Package Only)
V3P3D
TEMP
VBAT
VBAT
VBIAS
OPTICAL
COMP_STAT
POWER FAULT
OPT_TXE
OPT_TXINV
OPT_RXINV
OPT_RXDIS
MOD
OPT_TXMOD
OPT_FDC
CE_LCTN


Similar Part No. - 71M6521FE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6521FE TERIDIAN-71M6521FE Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521FE MAXIM-71M6521FE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
logo
Teridian Semiconductor ...
71M6521FE-IGT/F TERIDIAN-71M6521FE-IGT/F Datasheet
1Mb / 101P
   Energy Meter IC
71M6521FE-IGTR/F TERIDIAN-71M6521FE-IGTR/F Datasheet
1Mb / 101P
   Energy Meter IC
71M6521FE-IM/F TERIDIAN-71M6521FE-IM/F Datasheet
1Mb / 101P
   Energy Meter IC
More results

Similar Description - 71M6521FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
   Energy Meter ICs
2015
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com