Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6521FE Datasheet(PDF) 73 Page - Maxim Integrated Products

Part # 71M6521FE
Description  Energy Meter ICs
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6521FE Datasheet(HTML) 73 Page - Maxim Integrated Products

Back Button 71M6521FE Datasheet HTML 69Page - Maxim Integrated Products 71M6521FE Datasheet HTML 70Page - Maxim Integrated Products 71M6521FE Datasheet HTML 71Page - Maxim Integrated Products 71M6521FE Datasheet HTML 72Page - Maxim Integrated Products 71M6521FE Datasheet HTML 73Page - Maxim Integrated Products 71M6521FE Datasheet HTML 74Page - Maxim Integrated Products 71M6521FE Datasheet HTML 75Page - Maxim Integrated Products 71M6521FE Datasheet HTML 76Page - Maxim Integrated Products 71M6521FE Datasheet HTML 77Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
71M6521DE/DH/FE Data Sheet
Rev 2
Page: 73 of 107
FIRMWARE INTERFACE
I/O RAM MAP – In Numerical Order
‘Not Used’ bits are grayed out, contain no memory and are read by the MPU as zero. RESERVED bits may be in use
and should not be changed. This table lists only the SFR registers that are not generic 8051 SFR registers.
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration:
CE0
2000
EQU[2:0]
CE_E
Reserved
CE1
2001
PRE_SAMPS[1:0]
SUM_CYCLES[5:0]
CE2
2002
MUX_DIV[1:0]
CHOP_E[1:0]
RTM_E
WD_OVF
EX_RTC
EX_XFR
COMP0
2003
Not Used
PLL_OK
Not Used
Reserved
Reserved
Reserved COMP_STAT[0]
CONFIG0 2004 VREF_CAL
PLS_INV
CKOUT_E[1:0]
VREF_DIS
MPU_DIV[2:0]
CONFIG1 2005 Reserved
Reserved
ECK_DIS
FIR_LEN
ADC_E
MUX_ALT
FLSH66Z
Reserved
VERSION 2006
VERSION[7:0]
CONFIG2 2007
OPT_TXE[1:0]
EX_PLL
EX_FWCOL
Reserved
OPT_FDC[1:0]
CE3
20A8
Not Used
Not Used
Not Used
CE_LCTN[4:0]
WAKE
20A9 WAKE_ARM
SLEEP
LCD_ONLY
Not Used
WAKE_RES
WAKE_PRD[2:0]
TMUX
20AA
Not Used
Not Used
Not Used
TMUX[4:0]
Digital I/O:
DIO0
2008
DIO_EEX[1:0]
OPT_RXDIS OPT_RXINV
DIO_PW
DIO_PV
OPT_TXMOD
OPT_TXINV
DIO1
2009
Not Used
DIO_R1[2:0]
Not Used
DI_RPB[2:0]
DIO2
200A
Not Used
Reserved
Not Used
DIO_R2[2:0]
DIO3
200B
Not Used
DIO_R5[2:0]
Not Used
DIO_R4[2:0]
DIO4
200C
Not Used
DIO_R7[2:0]
Not Used
DIO_R6[2:0]
DIO5
200D
Not Used
DIO_R9[2:0]
Not Used
DIO_R8[2:0]
DIO6
200E
Not Used
DIO_R11[2:0]
Not Used
DIO_R10[2:0]
Real Time Clock:
RTC0
2015
Not Used
Not Used
RTC_SEC[5:0]
RTC1
2016
Not Used
Not Used
RTC_MIN[5:0]
RTC2
2017
Not Used
Not Used
Not Used
RTC_HR[4:0]
RTC3
2018
Not Used
Not Used
Not Used
Not Used
Not Used
RTC_DAY[2:0]
RTC4
2019
Not Used
Not Used
Not Used
RTC_DATE[2:0]
RTC5
201A
Not Used
Not Used
Not Used
Not Used
RTC_MO[3:0]
RTC6
201B
RTC_YR[7:0]
RTC7
201C
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
RTC_DEC_SEC
RTC_INC_SEC
WE
201F
Write enable for RTC
LCD Display Interface:
LCDX
2020
Not Used
BME
Reserved
LCD_NUM[4:0]
LCDY
2021
Not Used
LCD_Y
LCD_E
LCD_MODE[2:0]
LCD_CLK[1:0]
LCDZ
2022
Not Used
Not Used
Not Used
Reserved
LCD0
2030
Not Used
LCD_SEG0[3:0]
Not Used
LCD19
2043
Not Used
LCD_SEG19[3:0]
LCD24
2048
Not Used
LCD_SEG24[3:0]
Not Used
LCD38
2056
Not Used
LCD_SEG38[3:0]
LCD_BLNK 205A
LCD_BLKMAP19[3:0]
LCD_BLKMAP18[3:0]


Similar Part No. - 71M6521FE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6521FE TERIDIAN-71M6521FE Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521FE MAXIM-71M6521FE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
logo
Teridian Semiconductor ...
71M6521FE-IGT/F TERIDIAN-71M6521FE-IGT/F Datasheet
1Mb / 101P
   Energy Meter IC
71M6521FE-IGTR/F TERIDIAN-71M6521FE-IGTR/F Datasheet
1Mb / 101P
   Energy Meter IC
71M6521FE-IM/F TERIDIAN-71M6521FE-IM/F Datasheet
1Mb / 101P
   Energy Meter IC
More results

Similar Description - 71M6521FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
   Energy Meter ICs
2015
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com