Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1401EDH Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI1401EDH
Description  P-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1401EDH Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI1401EDH Datasheet HTML 4Page - Vishay Siliconix SI1401EDH Datasheet HTML 5Page - Vishay Siliconix SI1401EDH Datasheet HTML 6Page - Vishay Siliconix SI1401EDH Datasheet HTML 7Page - Vishay Siliconix SI1401EDH Datasheet HTML 8Page - Vishay Siliconix SI1401EDH Datasheet HTML 9Page - Vishay Siliconix SI1401EDH Datasheet HTML 10Page - Vishay Siliconix SI1401EDH Datasheet HTML 11Page - Vishay Siliconix SI1401EDH Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN815
Vishay Siliconix
Document Number: 71334
12-Dec-03
www.vishay.com
1
Single-Channel LITTLE FOOTR SC-70 6-Pin MOSFET
Copper Leadframe Version
Recommended Pad Pattern and Thermal Performance
INTRODUCTION
The new single 6-pin SC-70 package with a copper leadframe
enables improved on-resistance values and enhanced
thermal performance as compared to the existing 3-pin and
6-pin packages with Alloy 42 leadframes. These devices are
intended for small to medium load applications where a
miniaturized package is required. Devices in this package
come in a range of on-resistance values, in n-channel and
p-channel versions. This technical note discusses pin-outs,
package outlines, pad patterns, evaluation board layout, and
thermal performance for the single-channel version.
BASIC PAD PATTERNS
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the basic
pad layout and dimensions. These pad patterns are sufficient
for the low to medium power applications for which this
package is intended. Increasing the drain pad pattern yields a
reduction in thermal resistance and is a preferred footprint.
The availability of four drain leads rather than the traditional
single drain lead allows a better thermal path from the package
to the PCB and external environment.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1
identification.The pin-out of this device allows the use of four
pins as drain leads, which helps to reduce on-resistance and
junction-to-ambient thermal resistance.
FIGURE 1.
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
For package dimensions see outline drawing SC-70 (6-Leads)
(http://www.vishay.com/doc?71154)
EVALUATION BOARDS
SINGLE SC70-6
The evaluation board (EVB) measures 0.6 inches by
0.5 inches. The copper pad traces are the same as in Figure 2.
The board allows examination from the outer pins to 6-pin DIP
connections, permitting test sockets to be used in evaluation
testing. See Figure 3.
FIGURE 2.
SC-70 (6 leads) Single
52 (mil)
96 (mil)
13 (mil)
71 (mil)
0, 0 (mil)
18 (mil)
16 (mil)
26 (mil)
26 (mil)
654
3
2
1
The thermal performance of the single 6-pin SC-70 has been
measured on the EVB, comparing both the copper and
Alloy 42 leadframes. This test was first conducted on the
traditional Alloy 42 leadframe and was then repeated using the
1-inch2 PCB with dual-side copper coating.


Similar Part No. - SI1401EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1401EDH VISHAY-SI1401EDH Datasheet
268Kb / 12P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1401EDH-T1-GE3 VBSEMI-SI1401EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1401EDH VISHAY-SI1401EDH_V01 Datasheet
268Kb / 12P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1401EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com