Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT60B Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BAT60B
Description  Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT60B Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT60B Datasheet HTML 1Page - Siemens Semiconductor Group BAT60B Datasheet HTML 2Page - Siemens Semiconductor Group BAT60B Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT 60B
Semiconductor Group
Sep-04-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 5 V
VR = 8 V
-
-
-
-
µA
5
10
IR
Reverse current
VR = 5 V, TA = 80 °C
VR = 8 V, TA = 80 °C
IR
-
-
100
410
-
-
Forward voltage
IF = 10 mA
IF = 100 mA
IF = 1000 mA
VF
-
-
-
0.24
0.3
0.4
-
-
-
V
AC characteristics
CT
-
20
-
pF
Diode capacitance
VR = 5 V, f = 1 MHz
Semiconductor Group
2
1998-11-01


Similar Part No. - BAT60B

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
Shunye Enterprise
Shunye Enterprise
BAT60B SHUNYE-BAT60B Datasheet
805Kb / 3P
   SCHOTTKY DIODES
Jiangsu Changjiang Electronics Technology Co., Ltd
Jiangsu Changjiang Elec...
BAT60B JIANGSU-BAT60B Datasheet
156Kb / 3P
   SCHOTTKY DIODES
Microdiode Electronics (Jiangsu) Co.,Ltd.
Microdiode Electronics ...
BAT60B CHENDA-BAT60B Datasheet
754Kb / 3P
   SCHOTTKY DIODES
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
BAT60B BILIN-BAT60B Datasheet
213Kb / 3P
   Schottky Barrier Diode
More results

Similar Description - BAT60B

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BAT60A SIEMENS-BAT60A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
BAT240A SIEMENS-BAT240A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
BAT65 SIEMENS-BAT65 Datasheet
149Kb / 4P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT66-05 SIEMENS-BAT66-05 Datasheet
66Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT165 SIEMENS-BAT165 Datasheet
23Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
Central Semiconductor Corp
Central Semiconductor C...
CMOD6263 CENTRAL-CMOD6263_15 Datasheet
494Kb / 2P
   HIGH VOLTAGE SILICON SCHOTTKY DIODE
Renesas Technology Corp
Renesas Technology Corp
HRB0103A RENESAS-HRB0103A Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching, Rectifying
GeneSiC Semiconductor, Inc.
GeneSiC Semiconductor, ...
MBRH15045L GENESIC-MBRH15045L Datasheet
365Kb / 3P
   Low Silicon Power Schottky Diode
Renesas Technology Corp
Renesas Technology Corp
HRB0103B RENESAS-HRB0103B Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
GeneSiC Semiconductor, Inc.
GeneSiC Semiconductor, ...
MBRT40045L GENESIC-MBRT40045L Datasheet
605Kb / 3P
   Low Silicon Power Schottky Diode
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz