Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT60B Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BAT60B
Description  Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT60B Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT60B Datasheet HTML 1Page - Siemens Semiconductor Group BAT60B Datasheet HTML 2Page - Siemens Semiconductor Group BAT60B Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT 60B
Semiconductor Group
Sep-04-1998
1
Silicon Schottky Diode
• Rectifier Schottky diode for mobile communication
• Low voltage high inductane
• For power supply
• For clamping and proptection in low voltage
application
• For detection and step-up-conversion
VPS05176
1
2
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Ordering Code
Pin Configuration
Package
BAT 60B
blue/5
Q62702-A1189
1 = C
2 = A
SOD-323
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
10
V
Forward current
IF
3
A
Surge forward current (t
< 100µs)
IFSM
5
mA
Total power dissipation,
TS = 28 °C
Ptot
1350
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 55 ...+150
Maximum Ratings
Junction - ambient
1)
RthJA
≤ 160
K/W
Junction - soldering point
RthJS
≤ 90
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu
Semiconductor Group
1
1998-11-01


Similar Part No. - BAT60B

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
Shunye Enterprise
Shunye Enterprise
BAT60B SHUNYE-BAT60B Datasheet
805Kb / 3P
   SCHOTTKY DIODES
Jiangsu Changjiang Electronics Technology Co., Ltd
Jiangsu Changjiang Elec...
BAT60B JIANGSU-BAT60B Datasheet
156Kb / 3P
   SCHOTTKY DIODES
Microdiode Electronics (Jiangsu) Co.,Ltd.
Microdiode Electronics ...
BAT60B CHENDA-BAT60B Datasheet
754Kb / 3P
   SCHOTTKY DIODES
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
BAT60B BILIN-BAT60B Datasheet
213Kb / 3P
   Schottky Barrier Diode
More results

Similar Description - BAT60B

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BAT60A SIEMENS-BAT60A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
BAT240A SIEMENS-BAT240A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
BAT65 SIEMENS-BAT65 Datasheet
149Kb / 4P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT66-05 SIEMENS-BAT66-05 Datasheet
66Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT165 SIEMENS-BAT165 Datasheet
23Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
Central Semiconductor Corp
Central Semiconductor C...
CMOD6263 CENTRAL-CMOD6263_15 Datasheet
494Kb / 2P
   HIGH VOLTAGE SILICON SCHOTTKY DIODE
Renesas Technology Corp
Renesas Technology Corp
HRB0103A RENESAS-HRB0103A Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching, Rectifying
GeneSiC Semiconductor, Inc.
GeneSiC Semiconductor, ...
MBRH15045L GENESIC-MBRH15045L Datasheet
365Kb / 3P
   Low Silicon Power Schottky Diode
Renesas Technology Corp
Renesas Technology Corp
HRB0103B RENESAS-HRB0103B Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
GeneSiC Semiconductor, Inc.
GeneSiC Semiconductor, ...
MBRT40045L GENESIC-MBRT40045L Datasheet
605Kb / 3P
   Low Silicon Power Schottky Diode
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz