Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT60A Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BAT60A
Description  Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT60A Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAT60A Datasheet HTML 1Page - Siemens Semiconductor Group BAT60A Datasheet HTML 2Page - Siemens Semiconductor Group BAT60A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT 60A
Semiconductor Group
Sep-04-1998
3
Forward current
IF = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
400
800
1200
1600
2000
2400
mA
3200
TS
TA
Reverse current
IR = f (TA)
VR = 8V
-20
0
20
40
60
°C
100
TA
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax / IFDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Similar Part No. - BAT60A

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
   Silicon Schottky Diode
2007-04-19
Zhaoxingwei Electronics ., Ltd
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
   SOD-323 Plastic-Encapsulate Diodes
DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
DONGGUAN YOU FENG WEI E...
BAT60A YFWDIODE-BAT60A Datasheet
549Kb / 4P
   Schottky Diodes
Infineon Technologies AG
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
More results

Similar Description - BAT60A

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BAT60B SIEMENS-BAT60B Datasheet
25Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
GeneSiC Semiconductor, Inc.
GeneSiC Semiconductor, ...
MBRH15035L GENESIC-MBRH15035L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH15040L GENESIC-MBRH15040L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20030L GENESIC-MBRH20030L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20035L GENESIC-MBRH20035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20040L GENESIC-MBRH20040L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30020L GENESIC-MBRH30020L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30035L GENESIC-MBRH30035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60040L GENESIC-MBRT60040L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60045L GENESIC-MBRT60045L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz