Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1012X-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI1012X-T1-GE3
Description  N-Channel 1.8 V (G-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1012X-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI1012X-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI1012X-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
D
3
2
b
1
e1
e
A
C
L
H
E
X
DETAIL X
Package Information
Vishay Siliconix
Document Number: 71377
06-Jul-01
www.vishay.com
1
SC893
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
0.60
0.80
0.024
0.031
b
0.23
0.33
0.009
0.013
C
0.10
0.20
0.004
0.008
D
1.50
1.70
0.059
0.067
E
0.75
0.95
0.030
0.037
e
1.00 BSC
0.040 BSC
e1
0.50 BSC
0.020 BSC
H
1.50
1.70
0.059
0.067
L
0.30
0.50
0.012
0.020
ECN: S-03946—Rev. B, 09-Jul-01
DWG: 5869


Similar Part No. - SI1012X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012X-T1-GE3 VISHAY-SI1012X-T1-GE3 Datasheet
108Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Jul-08
Si1012X-T1-GE3 VISHAY-Si1012X-T1-GE3 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
SI1012X-T1-GE3 VISHAY-SI1012X-T1-GE3 Datasheet
170Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1012X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com