Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT240A Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BAT240A
Description  Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT240A Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT240A Datasheet HTML 1Page - Siemens Semiconductor Group BAT240A Datasheet HTML 2Page - Siemens Semiconductor Group BAT240A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT 240A
Semiconductor Group
Sep-09-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Unit
Values
typ.
max.
min.
DC characteristics
Breakdown voltage
I(BR) = 500 µA
V(BR)
240
-
V
-
Reverse current
VR = 200 V
VR = 240
IR
-
-
5
-
-
50
µA
Forward voltage
IF = 10 mA
IF = 20 mA
IF = 50 mA
VF
-
-
-
0.325
0.37
0.47
-
-
-
V
AC characteristics
Diode capacitance
VR = 10 V, f = 1 MHz
CT
-
11.5
-
pF
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60B Silicon Schottky Diode Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply 1  2  3  Siemens Semiconductor Group
5JUZ47 SUPER FAST RECOVERY DIODE HIGH EFFICIENCY RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS 1  2  Toshiba Semiconductor
BAT60A Silicon Schottky Diode Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply 1  2  3  Siemens Semiconductor Group
5JLZ47A HIGH EFFICIENCY RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS 1  2  3  Toshiba Semiconductor
HRB0103B Silicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1  2  3  4  5  More Hitachi Semiconductor
BB914 Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1  2  3  Siemens Semiconductor Group
NTE518 Silicon High Voltage Rectifier for TV Applications 1  NTE Electronics
BAT70-05 Silicon Schottky Diodes Parallel connection for maximum IF per package Low forward voltage drop For power supply 1  2  Siemens Semiconductor Group
SF100CB100 Isolated power MOSFET module designed for fast switching applications of high voltage and current with a fast recovery diode 1  2  3  SanRex Corporation
BB814 Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn