Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT165 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BAT165
Description  Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT165 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT165 Datasheet HTML 1Page - Siemens Semiconductor Group BAT165 Datasheet HTML 2Page - Siemens Semiconductor Group BAT165 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT 165
Semiconductor Group
Sep-04-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Values
Unit
Symbol
typ.
min.
max.
DC characteristics
Reverse current
VR = 30 V
IR
-
-
50
µA
Reverse current
VR = 30 V, TA = 65 °C
-
IR
-
900
nA
Forward voltage
IF = 10 mA
IF = 100 mA
IF = 250 mA
IF = 750 mA
VF
-
-
-
-
0.305
0.38
0.44
0.58
0.4
-
0.7
-
V
AC characteristics
Diode capacitance
VR = 10 V, f = 1 MHz
CT
-
8.4
12
pF
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn