Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT15 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BAT15
Description  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT15 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BAT 15
Semiconductor Group
4
Draft A03 1998-04-01
2)
Series resistance
2)
I
F1 = 10 mA, IF2 = 50 mA
BAT15-013, -014
BAT15-033, -034
BAT15-043, -044
BAT15-063, -064
BAT15-073, -074
BAT15-093, -094
BAT15-103, -104
BAT15-113, -114
BAT15-123, -124
R
F
-
-
-
-
-
-
-
-
-
3.0
4.0
3.5
4.5
4.5
5.5
6.0
7.0
8.0
3.5
4.5
4.0
5.0
5.5
6.5
7.0
8.0
9.0
W
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified (contÕd)
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
R
F
DV
F
40
10
3
Ð
´
-------------------------
W
=


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT14-4Silicon Schottky Diodes Medium barrier diodes for detector and mixer applications Hermetical ceramic package 1 2 3 Siemens Semiconductor Group
BAS40HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1 2 3 4 Siemens Semiconductor Group
BAS70HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching 1 2 3 4 Siemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BXY44HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY44PHiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 Siemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn