Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT15 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BAT15
Description  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BAT15 Datasheet HTML 1Page - Siemens Semiconductor Group BAT15 Datasheet HTML 2Page - Siemens Semiconductor Group BAT15 Datasheet HTML 3Page - Siemens Semiconductor Group BAT15 Datasheet HTML 4Page - Siemens Semiconductor Group BAT15 Datasheet HTML 5Page - Siemens Semiconductor Group BAT15 Datasheet HTML 6Page - Siemens Semiconductor Group BAT15 Datasheet HTML 7Page - Siemens Semiconductor Group BAT15 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BAT 15
Semiconductor Group
6
Draft A03 1998-04-01
Order Instructions
Full type variant including type variant and quality level must be specified by the orderer.
For HiRel Discrete and Microwave Semiconductors the ordering code specifies device
family and quality level only.
Ordering Form:
Ordering Code: QÉ
BAT15- (x) (ql)
(x): Type Variant
(ql): Quality Level
Ordering Example:
Ordering Code: Q62702A1180
BAT15-014 ES
For BAT15-014 in T1 Package; ESA Space Quality Level
Further Information
See our WWW-Pages:
Ð Discrete and RF-Semiconductors (Small Signal Semiconductors)
www.siemens.de/semiconductor/products/35/35.htm
Ð HiRel Discrete and Microwave Semiconductors
www.siemens.de/semiconductor/products/35/353.htm
Please contact also our marketing division:
Tel.: ++89 6362 4480
Fax.: ++89 6362 5568
e-mail: martin.wimmers@hl.siemens.de


Similar Part No. - BAT15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT15 INFINEON-BAT15 Datasheet
525Kb / 10P
   Silicon Schottky Diodes
Jan-30-2003
logo
Sirectifier Semiconduct...
BAT15 SIRECTIFIER-BAT15 Datasheet
371Kb / 4P
   Discrete Triacs
logo
Siemens Semiconductor G...
BAT15-014 SIEMENS-BAT15-014 Datasheet
19Kb / 2P
   Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz)
BAT15-020D SIEMENS-BAT15-020D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-020R SIEMENS-BAT15-020R Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
More results

Similar Description - BAT15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com