Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT15-D Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BAT15-D
Description  Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT15-D Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Schottky Diodes
BAT 15- … D
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BAT 15-020 D
Q62702-D1263
–D
BAT 15-050 D
Q62702-D3450
BAT 15-090 D
Q62702-D1280
BAT 15-110 D
Q62702-D1289
Parameter
Symbol
Unit
Reverse voltage
VR
4V
Junction temperature
Tj
175
˚C
Tstg
– 65 … + 150
Forward current
IF
100
mA
Storage temperature range
Operating temperature range
Top
– 65 … + 150
Values
4
50
BAT 15-020 D
BAT 15-050 D
BAT 15-090 D
BAT 15-110 D
1)
For detailed information see chapter Package Outlines.
q
Beam lead technology
q
Low dimension
q
High performance
q
Low barrier


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn