Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSB8JTHE3-45 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NSB8JTHE3-45
Description  Glass Passivated General Purpose Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSB8JTHE3-45 Datasheet(HTML) 3 Page - Vishay Siliconix

  NSB8JTHE3-45 Datasheet HTML 1Page - Vishay Siliconix NSB8JTHE3-45 Datasheet HTML 2Page - Vishay Siliconix NSB8JTHE3-45 Datasheet HTML 3Page - Vishay Siliconix NSB8JTHE3-45 Datasheet HTML 4Page - Vishay Siliconix NSB8JTHE3-45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NS(F,B)8AT thru NS(F,B)8MT
Vishay General Semiconductor
Document Number: 88690
Revision: 08-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
0
50
100
150
0
2
4
6
8
10
60 Hz Resistive or Inductive Load
Case Temperature (°C)
1
10
100
50
25
0
75
100
125
150
175
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance Per Leg
0
20
40
60
80
100
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C
T
J = 75 °C
0.1
1
10
100
1000
0
20
40
60
80
100
120
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)


Similar Part No. - NSB8JTHE3-45

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NSB8JT GE-NSB8JT Datasheet
84Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSB8JT VISHAY-NSB8JT Datasheet
41Kb / 3P
   Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
More results

Similar Description - NSB8JTHE3-45

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NSB8AT GE-NSB8AT Datasheet
84Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NS8XT VISHAY-NS8XT Datasheet
136Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 09-Feb-15
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NS8AT GE-NS8AT Datasheet
73Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSXT VISHAY-NSXT Datasheet
41Kb / 3P
   Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NS8KT-E345 VISHAY-NS8KT-E345 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NSF8AT GE-NSF8AT Datasheet
44Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSFB8AT VISHAY-NSFB8AT Datasheet
124Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
18-Jul-08
NS8XT VISHAY-NS8XT_V01 Datasheet
125Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
01-Jan-2022
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com