Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT15-4 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT15-4
Description  Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-4 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT15-4 Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-4 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAT 15- … 4
BAT 15- ... 4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
pF
Diode capacitance
f = 1 MHz, VR = 0
BAT 15-014
BAT 15-044
BAT 15-074
BAT 15-104
BAT 15-124
CT
0.25
0.20
0.17
0.13
0.10
0.35
0.25
0.20
0.15
0.12
V
Forward voltage
IF = 1 mA
BAT 15-014
BAT 15-044
BAT 15-074
BAT 15-104
BAT 15-124
IF = 10 mA
BAT 15-014
BAT 15-044
BAT 15-074
BAT 15-104
BAT 15-124
VF
0.26
0.28
0.29
0.30
0.31
0.35
0.39
0.42
0.44
0.45
dB
Noise figure (single sideband)
IF amplifier noise
FIF = 1.5 dB, PLO = 3 dBm, fIF = 10.7 MHz
f = 3 GHz
BAT 15-014
f = 6 GHz
BAT 15-044
f = 9.7 GHz
BAT 15-074
f = 16 GHz
BAT 15-104
BAT 15-124
FSSB
5.5
5.5
5.5
6.0
9.0
Differential forward resistance
IF = 10/50 mA
BAT 15-014
BAT 15-044
BAT 15-074
BAT 15-104
BAT 15-124
rf
3.0
3.5
4.5
5.5
8.0
V
V(BR)
3––
Breakdown voltage
IR = 10
µA
Case capacitance
CC
0.1
DC Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.


Similar Part No. - BAT15-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-013 SIEMENS-BAT15-013 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-013ES SIEMENS-BAT15-013ES Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-013H SIEMENS-BAT15-013H Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-013P SIEMENS-BAT15-013P Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-013S SIEMENS-BAT15-013S Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Similar Description - BAT15-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
BAT14-4 SIEMENS-BAT14-4 Datasheet
47Kb / 3P
   Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com