Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT15-099 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BAT15-099
Description  Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT15-099 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAT 15-099
Semiconductor Group
4
S11-Parameters
Typical impedance characteristics (with external bias I and Z0 =
50 Ω)
S11 = f (f, I)
fI = 0.02 mA
GHz
MAG ANG
1
2
3
4
5
6
7
8
9
10
11
12
0.94
0.93
0.92
0.91
0.91
0.91
0.91
0.91
0.91
0.90
0.89
0.88
– 16.4
– 33.8
– 53.8
– 74.3
– 96.6
– 115.4
– 131.0
– 143.0
– 155.6
– 167.3
+ 175.5
+ 175.5
I = 0.05 mA
MAG ANG
0.87
0.88
0.86
0.84
0.84
0.84
0.84
0.84
0.83
0.83
0.80
0.76
– 16.6
– 33.8
– 54.5
– 75.3
– 97.6
– 116.7
– 132.3
– 144.5
– 150.2
– 169.7
+ 172.6
+ 146.5
I = 0.1 mA
MAG ANG
0.77
0.77
0.75
0.72
0.72
0.73
0.73
0.73
0.71
0.71
0.70
0.62
– 16.4
– 34.5
– 54.1
– 76.4
– 99.1
– 118.7
– 134.1
– 146.8
– 159.7
– 178.8
+ 170.0
+ 142.8
I = 0.2 mA
MAG ANG
0.59
0.58
0.58
0.51
0.53
0.53
0.54
0.55
0.53
0.51
0.45
0.39
– 17.2
– 35.2
– 56.1
– 78.4
– 102.3
– 122.9
– 138.1
– 150.5
– 163.9
– 175.8
+ 164.9
+ 134.2
I = 0.5 mA
MAG ANG
0.19
0.15
0.13
0.11
0.15
0.18
0.20
0.81
0.18
0.14
0.09
0.14
– 16.7
– 36.1
– 64.8
– 104.8
– 135.7
– 160.9
– 168.8
+ 179.4
+ 179.4
+ 151.2
+ 105.5
+ 43.6


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT14-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-04Silicon Dual Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 Siemens Semiconductor Group
BAT14-098Silicon Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-098Silicon Schottky Diode DBS mixer application to 10 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-03WSilicon Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT14-03WSilicon Schottky Diode DBS mixer application to 12GHz Medium barrier type Low capacitance 1 2 3 4 Siemens Semiconductor Group
BAT63Silicon Schottky Diode Low barrier diode for mixer and detectors up to GHz frequencies 1 2 3 Siemens Semiconductor Group
BAT62Silicon Schottky Diode Low barrier diode for detectors up to GHz frequencies. 1 2 3 Siemens Semiconductor Group
10FWJ2C48MSCHOTTKY BARRIER RECTIFIER STACK LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION 1 2 3 Toshiba Semiconductor
BAT15-4Silicon Schottky Diodes Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz 1 2 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn