Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS360TRPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MBRS360TRPBF
Description  Schottky Rectifier, 3.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRS360TRPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRS360TRPBF_10 Datasheet HTML 1Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 2Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 3Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 4Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 5Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 6Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94322
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 05-Mar-10
3
VS-MBRS360TRPbF
Schottky Rectifier, 3.0 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
0.1
1.0
10
VFM - Forward Voltage Drop (V)
0.4
0.6
0.8
1.0
1.2
0.2
T
J = 150 °C
T
J = 100 °C
T
J = 25 °C
0.001
1.0
10
0.1
0.01
100
VR - Reverse Voltage (V)
10
515
20
40
25
30
35
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
10
100
1000
VR - Reverse Voltage (V)
20
10
30
40
50
70
60
0
T
J = 25 °C
0.1
1.0
10
100
0.00001
0.0001
0.001
0.01
0.1
1.0
1.0
10
t1 - Rectangular Pulse Duration (s)
100
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn