Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS360TRPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MBRS360TRPBF
Description  Schottky Rectifier, 3.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRS360TRPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRS360TRPBF_10 Datasheet HTML 1Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 2Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 3Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 4Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 5Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 6Page - Vishay Siliconix MBRS360TRPBF_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94322
2
Revision: 05-Mar-10
VS-MBRS360TRPbF
Vishay High Power Products Schottky Rectifier, 3.0 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Notes
(1)
thermal runaway condition for a diode on its own heatsink
(2) Mounted 1" square PCB
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Maximum forward voltage drop
VFM (1)
3 A
TJ = 25 °C
0.57
0.74
V
6 A
0.72
0.9
3 A
TJ = 125 °C
0.51
0.61
6 A
0.62
0.77
Maximum reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
-0.5
mA
TJ = 100 °C
-
20
TJ = 125 °C
-
30
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
-
180
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
-
3.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to lead
RthJL (2)
DC operation
12
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
46
Approximate weight
0.24
g
0.008
oz.
Marking device
Case style SMC (similar to DO-214AB)
V36
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn