Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT14-4 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BAT14-4
Description  Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BAT14-4 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT 14- … 4
BAT 14- ... 4
Forward current IF = f (VF)
of BAT 14-094
Measuring circuit for IF amplifier noise
Ceramic p. c. board for noise measurement
at 9.375 GHz (material = alumina;
ER = 9.94; thickness
= 0.635 mm)
Dimensions in mm
Single sideband noise FSSB = f (PLO)
fLO = 9.375 GHz, fIF = 10.7 MHZ at
FIF = 1.5 dB


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15-4Silicon Schottky Diodes Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz 1 2 Siemens Semiconductor Group
SD101ASilicon Schottky Barrier Diodes for general purpose applications 1 2 3 Semtech Corporation
BAT68-07WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 4 5 Siemens Semiconductor Group
BAT68WSilicon Schottky Diodes For mixer applications in the VHF/UHF range For high speed switching 1 2 3 4 Siemens Semiconductor Group
SB16-100M-SMDDUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 1 2 Seme LAB
HSU88Silicon Schottky Barrier Diode for Various Detector Mixer 1 2 3 4 5 Hitachi Semiconductor
DMF5080-000Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BAT63-099RSilicon Schottky Diodes Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn